Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51921 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES51921
Description  22,000 Counts Auto DMM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51921 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES51921_10 Datasheet HTML 1Page - Cyrustek corporation ES51921_10 Datasheet HTML 2Page - Cyrustek corporation ES51921_10 Datasheet HTML 3Page - Cyrustek corporation ES51921_10 Datasheet HTML 4Page - Cyrustek corporation ES51921_10 Datasheet HTML 5Page - Cyrustek corporation ES51921_10 Datasheet HTML 6Page - Cyrustek corporation ES51921_10 Datasheet HTML 7Page - Cyrustek corporation ES51921_10 Datasheet HTML 8Page - Cyrustek corporation ES51921_10 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Ver. 3.2
10/06/23
*Note: A multimeter with filtered measurement mode is a filed US patent. To avoid the patent infringement, produce a DMM with
low pass filter mode is prohibited to export to USA. Keep pin55 floating could make the LPF mode disable.
1
ES51921
22,000 Counts Auto DMM
Features
• 22,000 counts LCD driver with 46-segment
bargraph display
• Conversion rate : 2 times/s
• Full automatic measurement
*Voltage measurement:
Manual 220.00mV / Auto 2.2000V – 1000.0V /
Auto 220.00 – 1000.0V
*Current measurement: μA/mA/A
*Resistance measurement:
220.00Ω – 220.00MΩ
*Capacitance measurement:
22.000nF – 220.00mF(25sec)
(Taiwan patent no.: 323347,453443)
*Frequency counter
22.00Hz – 220.00MHz
• Current modes for clamp meter
• Duty cycle measurement (5.0% ~ 94.9%)
• Diode measurement
• Continuity check
• ADP mode with independent reference voltage
• Temperature mode with internal scale translation
circuit from oC to oF
• Push functions
*Range change function
*VAHZ function
*Relative function
*Zero function in manual DCA mode
*Data hold function with delay hold feature
*MAX/MIN function
*Back-light function
*KEY function
• Programmable LCD segment display
• Support low pass filter* for AC voltage & Clamp
ACA measurement
• SHIFT function
• High-crest-factor signal detection
(Taiwan patent no.: 234661)
• Band-gap reference voltage output
• CE selection (610V, 1010V or 1500V)
• Serial data output (RS232 format)
• LCD segment check when power on
• Auto power off with idle time selection
• Sleep output
• Re-power on
• On-chip buzzer driver
• 3V DC power supply
Low battery detection for 3V or 9V battery
Description
ES51921 is an integrated analog-to-digital
converter (ADC) with 22,000 counts LCD
display, automatic range selection, and 3V DC
power supply. Automatic range selection is
provided for voltage (AC/DC) measurement,
resistance measurement, current measurement,
capacitance
measurement,
and
frequency
counter. Expensive and bulky mechanical
range switches are not required. Other features
include relative value display, Zero function,
data holding, maximum and minimum holding,
diode measurement, temperature measurement,
continuity checking, low battery detection,
auto power off, re-power on, and RS232 data
output.


Similar Part No. - ES51921_10

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
More results

Similar Description - ES51921_10

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51931 CYRUSTEK-ES51931 Datasheet
628Kb / 34P
   22,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com