Electronic Components Datasheet Search |
|
A113SCWAQ0Q Datasheet(PDF) 5 Page - Tyco Electronics |
|
A113SCWAQ0Q Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 13 page C26 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, Options CONTACTS: Copper alloy with gold plate over silver, welded button. CONTACTS: Copper alloy with gold plate, welded button. Vertical Support Bracket Single Pole V30 V40 V90 TERMINALS Vertical Support Bracket Double Pole Option Code Dim."A" V30 .460 (11.68) V40 .630 (16.00) V90 1.150 (29.21) Option Code Dim."A" V30 .460 (11.68) V40 .630 (16.00) V90 1.150 (29.21) TERMINALS: Brass with gold plate. ELECTRICAL RATING: 0.4 VA @ 20 VAC/DC. CONTACTS B CONTACTS: Copper alloy with silver, welded button. Q TERMINALS: Brass with tin/lead plate. ELECTRICAL RATING: 5 A @ 125 VAC, 2 A @ 250 VAC, 2 A @ 30 VDC. UL/CSA RATING: 5A @ 125 VAC, 3A@ 250 VAC. (Specify “UL” option code) G TERMINALS: Brass alloy, with gold plate. ELECTRICAL RATING: O.4 VA @ 20 VAC/DC or 5 A @ 125 VAC, 2 A @ 250 VAC, 2 A @ 30 VDC. Note: This contact option can be used for low-level or power switching. If level is above 0.4 VA @ 20 VAC/DC, the switch is rendered usable only for power switching due to arc- removal of gold plate. UL/CSA RATING: 5A @ 125 VAC, 3A @ 250 VAC (Specify “UL” option code) NOTE: Terminal numbers viewed from top of P.C. board Epoxy Seal .020 (.508) Typ. .185 (4.70) Typ. .620 (15.75) .030 (.762) Typ. 25˚ .185 (4.70) .048 (1.22) Typ. .320 (8.13) .125 (3.18) .050 (1.27) .125 (3.18) Typ. .620 (15.75) .370 (9.40) .073 (1.85) Dia. Typ. 1 2 3 A .020 (.508) 25 ° .185 (4.70) Typ. .620 (15.75) .030 (.762) Typ. .048 (1.22) Typ. .125 (3.18) .185 (4.70) .320 (8.13) .620 (15.75) .125 (3.18) Typ. .073 (1.85) DIA. TYP. .370 (9.40) .073 (1.85) Dia. Typ. A .450 (11.43) Epoxy Seal |
Similar Part No. - A113SCWAQ0Q |
|
Similar Description - A113SCWAQ0Q |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |