Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE500C-G Datasheet(PDF) 1 Page - Comchip Technology

Part # P4KE500C-G
Description  400W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE500C-G Datasheet(HTML) 1 Page - Comchip Technology

  P4KE500C-G Datasheet HTML 1Page - Comchip Technology P4KE500C-G Datasheet HTML 2Page - Comchip Technology P4KE500C-G Datasheet HTML 3Page - Comchip Technology P4KE500C-G Datasheet HTML 4Page - Comchip Technology P4KE500C-G Datasheet HTML 5Page - Comchip Technology P4KE500C-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P4KE-G Series
Stand-off Voltage: 6.8 ~ 600V
Power Dissipation: 400 Watts
RoHS Device
400W Transient Voltage Suppressor
QW-BTV05
Page 1
REV:B
Symbol
Parameter
Value
Unit
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak power dissipation a 10/1000
waveform
μs
(Note 1)
Features
-Glass passivated chip
-Low leakage
-Uni and Bidirection unit
-Excellent clamping capability
-The plastic material has UL recognition 94V-0
-Fast response time: typically less than 1.0pS from
0 volts to BV min
Mechanical Data
-Case: Molded plastic DO-41
-Polarity: By cathode band denotes unidirectional
device none cathode band denoted bi-directional
device
-Weight: 0.34 grams
Dimensions in inches and (millimeter)
DO-41
O
C
Maximum instantaneous forward voltage
at 25A for unidirectional only (Note 3)
Operating junction and storage temperature
range
PPP
40
400
3.5/5.0
-55 to +150
W
A
V
OC
0.033(0.84)
0.028(0.71)
DIA.
0.117(2.97)
0.090(2.29)
DIA.
0.205(5.21)
0.165(4.19)
1.000(25.40)
MIN.
1.000(25.40)
MIN.
Peak forward surge current, 8.3mS single
half sine-wave unidirectional only(Note 2)
NTOES:
O
(1) Non-repetitive current pulse, per fig.5 and derated above TA=25 C per fig. 1.
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
(3) VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V.
IFSM
VF
TJ, TSTG
Peak pulse current with a 10/1000
waveform
μs
(Note 1)
IPP
See Next Table
A
Power dissipation on infinite heatsink at TL=75
PD
1.0
W


Similar Part No. - P4KE500C-G

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P4KE500C SOCAY-P4KE500C Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
P4KE500C LUGUANG-P4KE500C Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500C LUGUANG-P4KE500C Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500C LUGUANG-P4KE500C Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500C LUGUANG-P4KE500C Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE500C-G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com