Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-P270 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-P270
Description  Silizium-Differential-Fotodiode Silicon Differential Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P270 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-P270 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P270 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P270 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P270 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SFH 221 S
Semiconductor Group
400
Grenzwerte
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
Top; Tstg
–40 ... +80
oC
Löttemperatur (Lötstelle 2 mm vom
Gehäuse entfernt bei Lötzeit t
≤ 3s)
Soldering temperature in 2 mm distance
from case bottom (t
≤ 3s)
TS
230
oC
Sperrspannung
Reverse voltage
VR
10
V
Isolationsspannung gegen Gehäuse
Insulation voltage vs. package
VIS
100
V
Verlustleistung, TA = 25
oC
Total power dissipation
Ptot
50
mW
Kennwerte (TA = 25
oC, Normlicht A, T = 2856 K) für jede Einzeldiode
Characteristics (TA = 25
oC, standard light A, T = 2856 K) per single diode
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Fotoempfindlichkeit, VR = 5 V
Spectral sensitivity
S
24 (
≥ 15)
nA/Ix
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
900
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von Smax
Spectral range of sensitivity
S = 10% of Smax
λ
400 ... 1100
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
1.54
mm2
Abmessung der bestrahlungsempfindlichen
Fläche
Dimensions of radiant sensitive area
L x B
L x W
0.7 x 2.2
mm
Abstand Chipoberfläche zu Gehäuseober-
fläche
Distance chip front to case surface
H
1.1 ... 1.6
mm
Halbwinkel
Half angle
ϕ± 55
Grad
deg.


Similar Part No. - Q62702-P270

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P27 SIEMENS-Q62702-P27 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
Q62702-P273 SIEMENS-Q62702-P273 Datasheet
85Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
More results

Similar Description - Q62702-P270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPX48F ETC1-BPX48F Datasheet
186Kb / 6P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
logo
Siemens Semiconductor G...
BPX48 SIEMENS-BPX48 Datasheet
245Kb / 5P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
BPW33 SIEMENS-BPW33 Datasheet
30Kb / 4P
   Silizium-Fotodiode, Silicon Photodiode
BPX90 SIEMENS-BPX90 Datasheet
240Kb / 5P
   Silizium-Fotodiode Silicon Photodiode
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
Siemens Semiconductor G...
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
logo
OSRAM GmbH
BPW33 OSRAM-BPW33_01 Datasheet
79Kb / 5P
   Silizium-Fotodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com