Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTC-6362A5 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VTC-6362A5
Description  750 W, C-Band Helix TWT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTC-6362A5 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VTC-6362A5 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
750 Watt, 5.85 - 6.65 GHz, CW traveling
wave tube, coaxial input, waveguide out-
put, conduction cooled.
Custom configurations are also available.
These variations in the performance and
configuration include: mechanical con-
figuration, electrical and RF connections,
and dual-stage depressed collector.
750 W, C-Band Helix TWT Series
For information on this and other CPI products, visit our website at: www.cpii.com,
or contact: CPI MPP Division, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 856-0705 | email: marketing@cpii.com
CPI0809
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
FeaTureS
•750Watt
•5.85GHz-6.65GHz
•CoaxialInput
•WaveguideOutput
•Weight:
•ConductionCooled
model
FrequenCy
PoWer ouTPuT
(GHz)
(mIn)
VTC-6362A5
5.85 - 6.65
750 W
TyPICal oPeraTInG ParameTerS
maxImum
mInImum
TyPICal
unITS
Filament Voltage:
6.4
6.2
6.3
Vdc
Filament Current:
1.8
1.0
1.4
a
Helix Voltage:
11.5
10.5
11.0
kV
Helix Current:
10.0
---
5.0
ma
Collector Voltage 1:
56
55
56
%
Collector Current 1:
320 rf, 40 dc
---
230 rf, 40 dc
ma
Collector Voltage 2:
27.0
25.0
26.0
%
Collector Current 2:
460.0
---
420 dc, 210 rf
ma
Filament Warm-up Time:
---
3.0
---
minutes
drive Power:
20
---
17
dBm
Prime Power:
2200
---
2100
Watts
Thermal dissipation:
1400
---
1250
Watts
load VSWr:
1.2:1
---
1.17:1
VSWr


Similar Part No. - VTC-6362A5

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC-6362A4 CPI-VTC-6362A4 Datasheet
100Kb / 1P
   750 W, X-Band Helix TWT Series
VTC-6362A8 CPI-VTC-6362A8 Datasheet
88Kb / 1P
   750 W, C-Band Helix TWT Series
More results

Similar Description - VTC-6362A5

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC-6361A3 CPI-VTC-6361A3 Datasheet
90Kb / 1P
   750 W, C-Band Helix TWT Series
VTC-6362A8 CPI-VTC-6362A8 Datasheet
88Kb / 1P
   750 W, C-Band Helix TWT Series
VTX-6361F1 CPI-VTX-6361F1 Datasheet
100Kb / 1P
   750 W, X-Band Helix TWT Series
VTU-6398S1 CPI-VTU-6398S1 Datasheet
101Kb / 1P
   750 W, DBS-Band Helix TWT Series
VTU-6397J1A CPI-VTU-6397J1A Datasheet
86Kb / 1P
   750 W, Ku-Band Helix TWT Series
VTC-6265E1 CPI-VTC-6265E1 Datasheet
98Kb / 1P
   W C-Band Helix TWT Series
VTC-6264D4 CPI-VTC-6264D4_12 Datasheet
101Kb / 1P
   400 W, C-Band Helix TWT Series
VTC-6262F1 CPI-VTC-6262F1 Datasheet
85Kb / 1P
   200 W, C-Band Helix TWT Series
VTC-6265E1 CPI-VTC-6265E1_12 Datasheet
96Kb / 1P
   400 W, C-Band Helix TWT Series
VTC-6265M6 CPI-VTC-6265M6 Datasheet
151Kb / 1P
   400 W, C-Band Helix TWT Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com