Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV06B441J(B)-G Datasheet(PDF) 1 Page - Comchip Technology

Part # TV06B441J(B)-G
Description  SMD Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV06B441J(B)-G Datasheet(HTML) 1 Page - Comchip Technology

  TV06B441J(B)-G Datasheet HTML 1Page - Comchip Technology TV06B441J(B)-G Datasheet HTML 2Page - Comchip Technology TV06B441J(B)-G Datasheet HTML 3Page - Comchip Technology TV06B441J(B)-G Datasheet HTML 4Page - Comchip Technology TV06B441J(B)-G Datasheet HTML 5Page - Comchip Technology TV06B441J(B)-G Datasheet HTML 6Page - Comchip Technology TV06B441J(B)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMD Transient Voltage Suppressor
TV06B5V0-G Thru. TV06B441-G
Working Peak Reverse voltage: 5.0 ~ 440Volts
Power Dissipation: 600 Watts
RoHS Device
Features
-Ideally for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Typical IR less than 1μA above 10V.
-Fast response time: typically less than 1nS for
uni-direction, less than 5nS for bi-directional,
form 0V to BV min.
Mechanical Data
-Case: JEDEC DO-214AA molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026
-Polarity: Cathode band denoted.
-Weight: 0.093 gram approx.
0.087(2.20)
0.077(1.96)
0.155(3.94)
0.130(3.30)
0.191(4.85)
0.171(4.35)
0.012(0.30)
0.006(0.15)
0.096(2.44)
0.083(2.13)
0.060(1.52)
0.030(0.75)
0.008(0.20)
0.001(0.02)
0.216(5.50)
0.201(5.10)
Dimensions in inches and (millimeter)
SMB/DO-214AA
Maximum Ratings and Electrical Characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Value
Units
Peak power dissipation on 10/1000μS
waveform (Note 1, Fig.1)
Peak pulse current on 10/1000μS waveform
(Note 1, Fig.3)
O
Steady state power dissipation at TL=75
C
(Note 2)
Peak forward surge current, 8.3mS single half
sine-wave superimposed on rated load, uni-
directional only (Note 3)
Maximum instantaneous forward voltage at
35.0A for uni-directional only (Note 3, 4)
Maximum operation junction temperature
Storage temperature range
PPPM
IPPM
PM(AV)
IFSM
VF
TJ
TSTG
600
See Next Table
5.0
100
3.5/5.0
150
-55 to +150
W
A
W
A
V
OC
OC
QW-BTV02
Note:
O
1. Non-repetitive current pulse, per Fig. 5 and derated above TA=25
C per Fig.1
2. Measured on 8.3 mS single half sine-wave or equivalent square wave, duty cycle=4 pulse per minute maximum.
3. VF<3.5V for devices of VBR <200V and VF <5.0V for devices of VBR >201V
Page 1
REV:C


Similar Part No. - TV06B441J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B441JB-HF COMCHIP-TV06B441JB-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV06B441J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com