Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11-31-0147 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 11-31-0147
Description  Hawk Discrete Wire Termination Machine Operation Manual
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

11-31-0147 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 11-31-0147 Datasheet HTML 5Page - Molex Electronics Ltd. 11-31-0147 Datasheet HTML 6Page - Molex Electronics Ltd. 11-31-0147 Datasheet HTML 7Page - Molex Electronics Ltd. 11-31-0147 Datasheet HTML 8Page - Molex Electronics Ltd. 11-31-0147 Datasheet HTML 9Page - Molex Electronics Ltd. 11-31-0147 Datasheet HTML 10Page - Molex Electronics Ltd. 11-31-0147 Datasheet HTML 11Page - Molex Electronics Ltd. 11-31-0147 Datasheet HTML 12Page - Molex Electronics Ltd. 11-31-0147 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Hawk Discrete Wire Termination Machine
Order No TM-011200949
Release Date: 02-16-97
UNCONTROLLED COPY
Page 9 of 39
Revision: D
Revision Date: 03-03-11
THUMB SCREW
SHIFT KNOB
Figure 2-3
Figure 2-1
ADJUSTMENT KNOB
THUMB SCREW
FINE ADJUST
Figure 2-2
Set Up
2.1 Air Pressure
Set the air pressure regulator on the air inlet to 5 - 6
BAR (80 - 90 PSI). This is done by pulling out the
adjustment knob and setting to the proper pressure,
then pushing in the knob. See Figure 2-1.
2.2 Connector Feed Adjustment
Shuttle Stop
The shuttle stop is adjustable from 3 to 25 circuits.
1. To adjust the stop, loosen the thumb screw on
top of the cartridge holder. This holds and
locates the cylinder stop on the bottom side.
Starting from “3” circuit to the left, each notch
represents 1 circuit position on the shuttle. The
left side of the connector must always go to the
left end of the termination anvil when fed in.
2. Move the stop to the correct circuit size.
3. Tighten the thumb screw.
Note: 2 circuit connectors are loaded in pairs stop is
set for 4 circuits.
Connector Feed Stop
This stop is also adjustable from 3 to 25 circuits. To
adjust the stop:
1. Remove the nest guard.
2. Loosen the thumb screw on the connector feed
stop located in front of the shift nest.
3. Starting from “3” circuits to the right, stop
locates on every circuit position to 25 circuits.
Adjust so that only 1 connector (except 2-2
circuits.) at a time can enter the shift nest from
the cartridge feed.
4. When adjustment is set, tighten thumb screw.
5. Replace guard. See Figure 2-3.
2.3 Shuttle Fine Adjustment
With a connector in the nest and the shuttle full
forward against the stop, the first terminal should be
centered on the terminal punch. Due to tolerance
variations in connector lengths, it may be necessary
to occasionally make a fine adjustment to the
shuttle.
To adjust the shuttle:
1. Load a connector into the termination head in
manual mode.
2. With the shuttle blade in the forward position,
loosen the cap screws at the rear of the shuttle
adjustment base.


Similar Part No. - 11-31-0147

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-31-0418 MOLEX11-11-31-0418 Datasheet
16Kb / 1P
   Termination Punch
More results

Similar Description - 11-31-0147

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0623000500 MOLEX-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
10/02/2017
62300-0700 MOLEX11-62300-0700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000500 MOLEX11-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
62300-0500 MOLEX11-62300-0500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000700 MOLEX11-0623000700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000800 MOLEX11-0623000800 Datasheet
30Kb / 1P
   Mini-Cam IV Discrete Wire Termination Machine
0623003100 MOLEX11-0623003100 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator
0623004900 MOLEX11-0623004900 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator for Rebuilt CE Approved
62300-2900 MOLEX-62300-2900 Datasheet
628Kb / 1P
   Flat Flexible Cable and IDT Ribbon Cable Hawk Machine
0623001400 MOLEX11-0623001400 Datasheet
61Kb / 1P
   Termination Machine, Modular Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com