Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6729CWJ7 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM6729CWJ7
Description  256K x 4 Bit Fast Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6729CWJ7 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM6729CWJ7 Datasheet HTML 1Page - Motorola, Inc MCM6729CWJ7 Datasheet HTML 2Page - Motorola, Inc MCM6729CWJ7 Datasheet HTML 3Page - Motorola, Inc MCM6729CWJ7 Datasheet HTML 4Page - Motorola, Inc MCM6729CWJ7 Datasheet HTML 5Page - Motorola, Inc MCM6729CWJ7 Datasheet HTML 6Page - Motorola, Inc MCM6729CWJ7 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MCM6729C
1
MOTOROLA FAST SRAM
256K x 4 Bit Fast Static Random
Access Memory
The MCM6729C is a 1,048,576 bit static random access memory organized
as 262,144 words of 4 bits. Static design eliminates the need for external clocks
or timing strobes.
Output enable (G) is a special control feature that provides increased system
flexibility and eliminates bus contention problems.
This device meets JEDEC standards for functionality and revolutionary pinout,
and is available in a 400 mil plastic small–outline J–leaded package.
• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• All Inputs and Outputs Are TTL Compatible
• Three State Outputs
• Fast Access Times: 6, 7 ns
• Center Power and I/O Pins for Reduced Noise
BLOCK DIAGRAM
ROW
DECODER
MEMORY
MATRIX
512 ROWS x 512 x 4
COLUMNS
INPUT
DATA
CONTROL
COLUMN I/O
COLUMN DECODER
A
A
A
A
A
A
A
A
DQ
AA
A
A
A
E
W
VCC
VSS
A
A
A
A
DQ
G
A
Order this document
by MCM6729C/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MCM6729C
WJ PACKAGE
400 MIL SOJ
CASE 857A–01
32
31
30
29
28
27
26
25
24
23
22
21
2
3
1
5
6
4
7
9
10
8
12
13
11
14
20
15
16
19
18
17
A
A
A
A
E
A
W
A
A
A
VCC
A
A
A
A
DQ
A
G
DQ
A
A
A
A
VSS
VCC
VSS
DQ
DQ
NC
A
NC
NC
A
Address Input
. . . . . . . . . . . . . . . . . . . . .
E
Chip Enable
. . . . . . . . . . . . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . .
DQ
Data Input/Output
. . . . . . . . . . . . . . .
VCC
+ 5 V Power Supply
. . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . . .
PIN NAMES
REV 3
10/9/96
© Motorola, Inc. 1996


Similar Part No. - MCM6729CWJ7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729BWJ10 MOTOROLA-MCM6729BWJ10 Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729BWJ10R MOTOROLA-MCM6729BWJ10R Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729BWJ12 MOTOROLA-MCM6729BWJ12 Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6729CWJ7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com