Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV30C360J(B)-G Datasheet(PDF) 6 Page - Comchip Technology

Part # TV30C360J(B)-G
Description  SMD Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV30C360J(B)-G Datasheet(HTML) 6 Page - Comchip Technology

  TV30C360J(B)-G Datasheet HTML 1Page - Comchip Technology TV30C360J(B)-G Datasheet HTML 2Page - Comchip Technology TV30C360J(B)-G Datasheet HTML 3Page - Comchip Technology TV30C360J(B)-G Datasheet HTML 4Page - Comchip Technology TV30C360J(B)-G Datasheet HTML 5Page - Comchip Technology TV30C360J(B)-G Datasheet HTML 6Page - Comchip Technology TV30C360J(B)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
QW-BTV04
Comchip Technology CO., LTD.
Page 6
REV:F
SMD Transient Voltage Suppressor
B
C
d
D
D2
D1
SYMBOL
A
(mm)
(inch)
1.969 MIN.
6.05± 0.10
8.31 ± 0.10
4.00 ± 0.10
1.55 ± 0.10-0.0
50.0 MIN.
13.0 ± 0.20
4.50 (max)
4.00 ± 0.10
2.00 ± 1.00
16.0 ± 0.30
22.4 MAX.
330
0.327
± 0.004
0.256
± 0.004
0.177
(max)
0.061 ± 0.004
13.00
0.512 ± 0.008
SYMBOL
(mm)
(inch)
0.630
± 0.012
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.040
0.882 MAX
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
7.50 ± 0.05
0.295 ± 0.002
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
Index hole
d
E
F
B
W
P
P0
P1
A
DO-214AB
(SMC)
DO-214AB
(SMC)


Similar Part No. - TV30C360J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV30C360J COMCHIP-TV30C360J Datasheet
97Kb / 4P
   SMD Transient Voltage Suppressor
TV30C360J-HF COMCHIP-TV30C360J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV30C360JB COMCHIP-TV30C360JB Datasheet
97Kb / 4P
   SMD Transient Voltage Suppressor
TV30C360JB-HF COMCHIP-TV30C360JB-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV30C360J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com