Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP06B601A(CA)-G Datasheet(PDF) 2 Page - Comchip Technology

Part # TVP06B601A(CA)-G
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TVP06B601A(CA)-G Datasheet(HTML) 2 Page - Comchip Technology

  TVP06B601A(CA)-G Datasheet HTML 1Page - Comchip Technology TVP06B601A(CA)-G Datasheet HTML 2Page - Comchip Technology TVP06B601A(CA)-G Datasheet HTML 3Page - Comchip Technology TVP06B601A(CA)-G Datasheet HTML 4Page - Comchip Technology TVP06B601A(CA)-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Transient Voltage Suppressor
Electrical Characteristics (TVP06B6V8-G Thru. TVP06B601-G)
V RWM
V BR Min.
V BR Max.
IT
IFSM
IR@V RWM
(V)
(V)
(V)
(mA)
(A)@8.3mS
IPP (V)
IPP (A)
(uA)
UNI
BI
TVP06B6V8A(CA)-G
6.46
7.14
10
100
10.5
57.14
1000
6V8A
6V8C
TVP06B7V5A(CA)-G
7.13
7.88
10
100
11.3
53.10
500
7V5A
TVP06B8V2A(CA)-G
7.79
8.61
10
100
12.1
49.59
200
8V2A
TVP06B9V1A(CA)-G
8.65
9.56
1
100
13.4
44.78
50
9V1A
TVP06B10A(CA)-G
9.50
10.50
1
100
14.5
41.38
10
10A
TVP06B11A(CA)-G
10.45
11.55
1
100
15.6
38.46
5
11A
TVP06B12A(CA)-G
11.40
12.60
1
100
16.7
35.93
5
12A
TVP06B13A(CA)-G
12.35
13.65
1
100
18.2
32.97
5
13A
TVP06B15A(CA)-G
14.25
15.75
1
100
21.2
28.30
5
15A
TVP06B16A(CA)-G
15.20
16.80
1
100
22.5
26.67
5
16A
TVP06B18A(CA)-G
17.10
18.90
1
100
25.2
23.81
5
18A
TVP06B20A(CA)-G
19.0
21.00
1
100
27.7
21.66
5
20A
TVP06B22A(CA)-G
20.90
23.10
1
100
30.6
19.61
5
22A
TVP06B24A(CA)-G
22.80
25.20
1
100
33.2
18.07
5
24A
TVP06B27A(CA)-G
25.65
28.35
1
100
37.5
16.00
5
27A
TVP06B30A(CA)-G
28.50
31.50
1
100
41.4
14.49
5
30A
TVP06B33A(CA)-G
31.35
34.65
1
100
45.7
13.13
5
33A
TVP06B36A(CA)-G
34.20
37.80
1
100
49.9
12.02
5
36A
TVP06B39A(CA)-G
37.05
40.90
1
100
53.9
11.13
5
39A
TVP06B43A(CA)-G
40.85
45.15
1
100
59.3
10.12
5
43A
TVP06B47A(CA)-G
44.65
49.35
1
100
64.8
9.26
5
47A
TVP06B51A(CA)-G
48.45
53.55
1
100
70.1
8.56
5
51A
TVP06B56A(CA)-G
53.20
58.80
1
100
77.0
7.79
5
56A
TVP06B62A(CA)-G
58.90
65.10
1
100
85.0
7.06
5
62A
TVP06B68A(CA)-G
64.60
71.40
1
100
92.0
6.52
5
68A
TVP06B75A(CA)-G
71.25
78.75
1
100
103.0
5.83
5
75A
TVP06B82A(CA)-G
77.90
86.10
1
100
113.0
5.31
5
82A
TVP06B91A(CA)-G
86.45
95.55
1
100
125.0
4.80
5
91A
TVP06B101A(CA)-G
95.00
105.00
1
100
137.0
4.38
5
100A
TVP06B111A(CA)-G
104.50
115.50
1
100
152.0
3.95
5
110A
TVP06B121A(CA)-G
114.00
126.00
1
100
165.0
3.64
5
120A
TVP06B131A(CA)-G
123.50
136.50
1
100
179.0
3.35
5
130A
TVP06B151A(CA)-G
142.50
157.50
1
100
207.0
2.90
5
150A
TVP06B161A(CA)-G
152.00
168.00
1
100
219.0
2.74
5
160A
TVP06B171A(CA)-G
161.50
178.50
1
100
234.0
2.56
5
170A
TVP06B181A(CA)-G
171.00
189.00
1
100
246.0
2.44
5
180A
TVP06B201A(CA)-G
190.00
210.00
1
100
274.0
2.19
5
200A
TVP06B221A(CA)-G
209.00
231.00
1
100
328.0
1.83
5
220A
TVP06B251A(CA)-G
237.50
262.50
1
100
344.0
1.74
5
250A
TVP06B301A(CA)-G
285.00
315.00
1
100
414.0
1.45
5
300A
TVP06B351A(CA)-G
332.50
367.50
1
100
482.0
1.24
5
350A
TVP06B381A(CA)-G
361.00
399.00
1
100
524.4
1.14
5
380A
TVP06B401A(CA)-G
380.00
420.00
1
100
548.0
1.09
5
400A
TVP06B441A(CA)-G
418.00
462.00
1
100
607.2
0.99
5
440A
TVP06B501A(CA)-G
475.00
525.00
1
100
690.0
0.87
5
500A
TVP06B521A(CA)-G
494.00
546.00
1
100
717.6
0.84
5
520A
TVP06B551A(CA)-G
522.50
577.50
1
100
759.0
0.79
5
550A
TVP06B601A(CA)-G
570.00
630.00
1
100
828.0
0.72
5
600A
Part No.
Absolute Maximum Rating (TA=25 °C)
Marking Code
Electrical Characteristic (TA =25 °C)
Max V C
Page 2
REV:A
7V5C
8V2C
9V1C
10C
11C
12C
13C
15C
16C
18C
20C
22C
24C
27C
30C
33C
36C
39C
43C
47C
51C
56C
62C
68C
75C
82C
91C
100C
110C
120C
130C
150C
160C
170C
180C
200C
220C
250C
300C
350C
380C
400C
440C
500C
520C
550C
600C
5.8
6.4
7.0
7.8
8.6
9.4
10.2
11.1
12.8
13.6
15.3
17.1
18.8
20.5
23.1
25.6
28.2
30.8
33.3
36.8
40.2
43.6
47.8
53.0
58.1
64.1
70.1
77.8
85.5
94.0
102.0
111.0
128.0
136.0
145.0
154.0
171.0
185.0
214.0
256.0
299.3
324.9
342.0
376.2
427.5
444.6
470.3
513.0
Note:
1) The available parts are “A” type only,the parts without A (VBR is ±10%) is not available.
2) Add suffix “C” or “CA” after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
QW-BTV18


Similar Part No. - TVP06B601A(CA)-G

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TVP00R AMPHENOL-TVP00R Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
8/2006
TVP00WCI0909S AMPHENOL-TVP00WCI0909S Datasheet
1Mb / 44P
   Standard Circular Connector
TVP00WCI0935P AMPHENOL-TVP00WCI0935P Datasheet
1Mb / 44P
   Standard Circular Connector
TVP00WCI0935PB AMPHENOL-TVP00WCI0935PB Datasheet
1Mb / 44P
   Standard Circular Connector
TVP00WCI0935PC AMPHENOL-TVP00WCI0935PC Datasheet
1Mb / 44P
   Standard Circular Connector
More results

Similar Description - TVP06B601A(CA)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com