Part Name
         Description
TV30C190J(B)-G

 SMD Transient Voltage Suppressor ( 7 Page)


COMCHIP
100% 
Zoom Out Zoom In
   
 1 page
background image
SMD Transient Voltage Suppressor
Working Peak Reverse Voltage: 5.0 to 440 Volts
Power Dissipation: 3000 Watts
RoHS Device
Page 1
REV:F
Features
-Ideally for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Typical IR less than 1μA above 10V.
-Fast response time: typically less than 1nS for
uni-direction, less than 5nS for bi-direction,
from 0V to BV min.
-Use in sensitive electronic protection against
voltage transients induced by inductive load
switching and lighting on ICs, MOSFET, signal
lines of sensor units for consumer, computer,
industrial, automotive and telecommunication.
Mechanical data
-Case: JEDEC DO-214AB, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.21 grams
TV30C5V0-G Thru. TV30C441-G
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeter)
QW-BTV04
Notes:
O
1. Non-repetitive current pulse, per Fig. 5 and derated above TA=25 C, per Fig. 1
2. Measured on 8.3 ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
3. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
Comchip Technology CO., LTD.
Peak power dissipation on 10/1000μS
waveform (Note 1)
Peak pulse current on 10/1000μS
waveform (Note 1)
O
Steady state power dissipation at TL=75 C
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated
load, uni-directional only (Note 2)
Maximum instantaneous forward voltage
at 100A for uni-directional only (Note 3)
Operating junction temperature
Storage temperature range
Value
Units
Symbol
Characteristics
PPP
IPP
PD
IFSM
VF
TJ
TSTG
3000
See Next Table
6.0
300
3.5/5.0
-55 to +150
-55 to +150
W
A
W
A
V
OC
OC
DO-214AB (SMC)
0.245(6.15)
0.220(5.52)
0.126(3.16)
0.22 (2.86)
0.320(8.02)
0.305(7.64)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.000(0.00)
0.060(1.51)
0.030(0.75)
0.103(2.59)
0.079(1.98)
0.280(7.02)
0.260(6.52)
Rating at 25°C ambient temperature unless otherwise specified.



Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl