Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA600(C)-G Datasheet(PDF) 6 Page - Comchip Technology

Part # SA600(C)-G
Description  Axial Lead Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SA600(C)-G Datasheet(HTML) 6 Page - Comchip Technology

  SA600(C)-G Datasheet HTML 1Page - Comchip Technology SA600(C)-G Datasheet HTML 2Page - Comchip Technology SA600(C)-G Datasheet HTML 3Page - Comchip Technology SA600(C)-G Datasheet HTML 4Page - Comchip Technology SA600(C)-G Datasheet HTML 5Page - Comchip Technology SA600(C)-G Datasheet HTML 6Page - Comchip Technology SA600(C)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
QW-BTV16
Comchip Technology CO., LTD.
Page 6
REV:A
QW-BTV16
Comchip Technology CO., LTD.
Page 6
REV:A
B
Taping Specification For Axial Lead Diodes(For Reel Package)
L1
L2
E
T
Z
T
E
D
D
90℃±5℃
Do
D1
w
B
Z
T
E
D
L1-L2
DO-15
SYMBOL
A
(mm)
(inch)
0.039 (max)
5.00 ± 0.5
52.0 ± 0.5
72.0 ± 3.0
6.0 ± 0.4
1.0 (max)
330
1.2 (max)
3 (max)
2.047 ± 0.020
0.197± 0.020
0.047 (max)
0.236 ± 0.016
0.118 (max)
13
SYMBOL
(mm)
(inch)
2.835 ± 0.118
D1
DO
W
85.7 ± 0.3
3.374 ± 0.012
16.6 ± 0.4
0.654 ± 0.016
DO-15
Axial Lead Transient Voltage Suppressor
D -15
O
Standard Packaging
Case Type
4,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK


Similar Part No. - SA600(C)-G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
Comchip Technology
SA600A-HF COMCHIP-SA600A-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
SA600ACA-HF COMCHIP-SA600ACA-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
logo
NXP Semiconductors
SA600D PHILIPS-SA600D Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
More results

Similar Description - SA600(C)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA5V0-HF COMCHIP-SA5V0-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
10KP17A SUNMATE-10KP17A Datasheet
689Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
15KP12A SUNMATE-15KP12A_15 Datasheet
477Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
logo
Semikron International
P6KE6 SEMIKRON-P6KE6 Datasheet
159Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
5KP6 SEMIKRON-5KP6 Datasheet
156Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
SUNMATE electronic Co.,...
20KPA20A SUNMATE-20KPA20A Datasheet
767Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com