Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV30C220K(B)-G Datasheet(PDF) 2 Page - Comchip Technology

Part # TV30C220K(B)-G
Description  SMD Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV30C220K(B)-G Datasheet(HTML) 2 Page - Comchip Technology

  TV30C220K(B)-G Datasheet HTML 1Page - Comchip Technology TV30C220K(B)-G Datasheet HTML 2Page - Comchip Technology TV30C220K(B)-G Datasheet HTML 3Page - Comchip Technology TV30C220K(B)-G Datasheet HTML 4Page - Comchip Technology TV30C220K(B)-G Datasheet HTML 5Page - Comchip Technology TV30C220K(B)-G Datasheet HTML 6Page - Comchip Technology TV30C220K(B)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
QW-BTV04
RATING AND CHARACTERISTIC CURVES (TV30C5V0-G Thru. TV30C441-G)
Pulse Width,td ( μS )
100
10
1
0.1
Fig.4 Peak Pulse Power Rating Curve
0.1
1.0
10
100
Ambient Temperature,TA (
OC )
0
Fig.1 Pulse Derating Curve
0
20
40
60
140
75
Time, (ms)
0
Fig.5 Pulse Waveform
0
10
120
1
2
3
4
Fig.6 Typical Junction Capacitance
Comchip Technology CO., LTD.
Page 2
REV:F
50
100
175
150
50
100
SMD Transient Voltage Suppressor
10000
1000
25
125
80
100
120
td
Pulse width (td) is defined
as the point where the peak
current decay to 50% of IPP
tr=10μS
Peak value IPPM
Half value IPP/2
10/1000μsec. Waveform
as defined by R.E.A.
Lead Temperature , TL (
OC )
0
Fig.3 Steady State Power Derating Curve
0
1
3
7
25
75
100
175
2
6
50
125
150
5
4
Number of Cycles at 60Hz
1
Fig.2 Max. Non-Repetitive Surge Current
0
350
10
100
200
200
100
150
300
250
8.3mS single half
sine-wave (JEDEC method)
TJ=TJ , max.
TJ= 25
OC
10000
1000
100
10
1
10
100
1000
1
VBR, Reverse Breakdown Voltage (V)
100000
Bi-directional
@zero bias
Uni-directional
@zero bias
Uni-directional
@VRWM
Bi-directional @ VRWM
TJ=25
f=1.0MHz
OC


Similar Part No. - TV30C220K(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV30C220K COMCHIP-TV30C220K Datasheet
97Kb / 4P
   SMD Transient Voltage Suppressor
TV30C220KB COMCHIP-TV30C220KB Datasheet
97Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV30C220K(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com