Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE12C-G Datasheet(PDF) 2 Page - Comchip Technology

Part # P4KE12C-G
Description  400W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE12C-G Datasheet(HTML) 2 Page - Comchip Technology

  P4KE12C-G Datasheet HTML 1Page - Comchip Technology P4KE12C-G Datasheet HTML 2Page - Comchip Technology P4KE12C-G Datasheet HTML 3Page - Comchip Technology P4KE12C-G Datasheet HTML 4Page - Comchip Technology P4KE12C-G Datasheet HTML 5Page - Comchip Technology P4KE12C-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RATING AND CHARACTERISTIC (P4KE-G Series)
Page 2
QW-BTV05
REV:B
VRWM
VBR Max.
IT
IFSM
( V )
( V )
( mA )
(A)@8.3mS
( V )
IPPM (A)
1000
1000
500
500
200
200
50
50
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
Part No.
Absolute Maximum Rating (Ta=25
O C)
Electrical Characteristics (Ta=25
O
C)
Max. Vc @IPPM
Max. IR @VRWM
uA
Uni
Bi
VBR Min.
Marking Code.
Uni
Bi
( V )
P4KE6.8-G
P4KE6.8A-G
P4KE7.5-G
P4KE7.5A-G
P4KE8.2-G
P4KE8.2A-G
P4KE9.1-G
P4KE9.1A-G
P4KE10-G
P4KE10A-G
P4KE11-G
P4KE11A-G
P4KE12-G
P4KE12A-G
P4KE13-G
P4KE13A-G
P4KE15-G
P4KE15A-G
P4KE16-G
P4KE16A-G
P4KE18-G
P4KE18A-G
P4KE20-G
P4KE20A-G
P4KE22-G
P4KE22A-G
P4KE24-G
P4KE24A-G
P4KE27-G
P4KE27A-G
P4KE30-G
P4KE30A-G
P4KE33-G
P4KE33A-G
P4KE36-G
P4KE36A-G
P4KE39-G
P4KE39A-G
P4KE43-G
P4KE43A-G
P4KE47-G
P4KE47A-G
P4KE51-G
P4KE51A-G
P4KE6.8C-G
P4KE6.8CA-G
P4KE7.5C-G
P4KE7.5CA-G
P4KE8.2C-G
P4KE8.2CA-G
P4KE9.1C-G
P4KE9.1CA-G
P4KE10C-G
P4KE10CA-G
P4KE11C-G
P4KE11CA-G
P4KE12C-G
P4KE12CA-G
P4KE13C-G
P4KE13CA-G
P4KE15C-G
P4KE15CA-G
P4KE16C-G
P4KE16CA-G
P4KE18C-G
P4KE18CA-G
P4KE20C-G
P4KE20CA-G
P4KE22C-G
P4KE22CA-G
P4KE24C-G
P4KE24CA-G
P4KE27C-G
P4KE27CA-G
P4KE30C-G
P4KE30CA-G
P4KE33C-G
P4KE33CA-G
P4KE36C-G
P4KE36CA-G
P4KE39C-G
P4KE39CA-G
P4KE43C-G
P4KE43CA-G
P4KE47C-G
P4KE47CA-G
P4KE51C-G
P4KE51CA-G
5.5
5.8
6.1
6.4
6.6
7.0
7.4
7.8
8.1
8.6
8.9
9.4
9.7
10.2
10.5
11.1
12.1
12.8
12.9
13.6
14.5
15.3
16.2
17.1
17.8
18.8
19.4
20.5
21.8
23.1
24.3
25.6
26.8
28.2
29.1
30.8
31.6
33.3
34.8
36.8
38.1
40.2
41.3
43.6
6.12
6.46
6.75
7.13
7.38
7.79
8.19
8.65
9.00
9.50
9.90
10.45
10.80
11.40
11.70
12.35
13.50
14.25
14.40
15.20
16.20
17.10
18.00
19.00
19.80
20.90
21.60
22.80
24.30
25.65
27.00
28.50
29.70
31.35
32.40
34.20
35.10
37.05
38.70
40.85
42.30
44.65
45.90
48.45
7.48
10
40
10.8
7.14
10
40
10.5
8.25
10
40
11.7
7.88
10
40
11.3
9.02
10
40
12.5
8.61
10
40
12.1
10.0
1
40
13.8
9.56
1
40
13.4
11.00
1
40
15.0
10.50
1
40
14.5
12.10
1
40
16.2
11.55
1
40
15.6
13.20
1
40
17.3
12.60
1
40
16.7
14.30
1
40
19.0
13.65
1
40
18.2
16.50
1
40
22.0
15.75
1
40
21.2
17.60
1
40
23.5
16.90
1
40
22.5
19.80
1
40
26.5
18.90
1
40
25.2
22.00
1
40
29.1
21.00
1
40
27.7
24.20
1
40
31.9
23.10
1
40
30.6
26.40
1
40
34.7
25.20
1
40
33.2
29.70
1
40
39.1
28.35
1
40
37.5
33.00
1
40
43.5
31.50
1
40
41.4
36.30
1
40
47.7
34.65
1
40
45.7
39.60
1
40
52.0
37.80
1
40
49.9
42.90
1
40
56.4
40.95
1
40
53.9
47.30
1
40
61.9
45.15
1
40
59.3
51.70
1
40
67.8
49.35
1
40
64.8
56.10
1
40
73.5
53.55
1
40
70.1
37.04
38.10
34.19
35.40
32.00
33.06
28.99
29.85
26.67
27.59
24.69
25.64
23.12
23.95
21.05
21.98
18.18
18.87
17.02
17.78
15.09
15.87
13.75
14.44
12.54
13.07
11.53
12.05
10.23
10.67
9.20
9.66
8.39
8.75
7.69
8.02
7.09
7.42
6.46
6.75
5.90
6.17
5.44
5.71
P4KE6.8
P4KE6.8A
P4KE7.5
P4KE7.5A
P4KE8.2
P4KE8.2A
P4KE9.1
P4KE9.1
P4KE10
P4KE10A
P4KE11
P4KE11A
P4KE12
P4KE12A
P4KE13
P4KE13A
P4KE15
P4KE15A
P4KE16
P4KE16A
P4KE18
P4KE18A
P4KE20
P4KE20A
P4KE22
P4KE22A
P4KE24
P4KE24A
P4KE27
P4KE27A
P4KE30
P4KE30A
P4KE33
P4KE33A
P4KE36
P4KE36A
P4KE39
P4KE39A
P4KE43
P4KE43A
P4KE47
P4KE47A
P4KE51
P4KE51A
P4KE6.8C
P4KE6.8CA
P4KE7.5C
P4KE7.5CA
P4KE8.2C
P4KE8.2CA
P4KE9.1C
P4KE9.1CA
P4KE10C
P4KE10CA
P4KE11C
P4KE11CA
P4KE12C
P4KE12CA
P4KE13C
P4KE13CA
P4KE15C
P4KE15CA
P4KE16C
P4KE16CA
P4KE18C
P4KE18CA
P4KE20C
P4KE20CA
P4KE22C
P4KE22CA
P4KE24C
P4KE24CA
P4KE27C
P4KE27CA
P4KE30C
P4KE30CA
P4KE33C
P4KE33CA
P4KE36C
P4KE36CA
P4KE39C
P4KE39CA
P4KE43C
P4KE43CA
P4KE47C
P4KE47CA
P4KE51C
P4KE51CA
400W Transient Voltage Suppressor


Similar Part No. - P4KE12C-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P4KE12C-G COMCHIP-P4KE12C-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
More results

Similar Description - P4KE12C-G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com