Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV06B150K(B)-G Datasheet(PDF) 3 Page - Comchip Technology

Part # TV06B150K(B)-G
Description  SMD Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV06B150K(B)-G Datasheet(HTML) 3 Page - Comchip Technology

  TV06B150K(B)-G Datasheet HTML 1Page - Comchip Technology TV06B150K(B)-G Datasheet HTML 2Page - Comchip Technology TV06B150K(B)-G Datasheet HTML 3Page - Comchip Technology TV06B150K(B)-G Datasheet HTML 4Page - Comchip Technology TV06B150K(B)-G Datasheet HTML 5Page - Comchip Technology TV06B150K(B)-G Datasheet HTML 6Page - Comchip Technology TV06B150K(B)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMD Transient Voltage Suppressor
Electrical Characteristics (TV06B5V0-G Thru. TV06B441-G)
QW-BTV02
VRWM
VBR Min. VBR Max.
IT
IFSM
IR@VRWM
(V)
(V)
(V)
(mA) (A)@8.3mS
(V)
IPP(A)
(uA)
UNI
BI
TV06B430K(B)-G
43.0
47.80
58.40
1
100
76.7
7.82
5
MS
CS
TV06B430J(B)-G
43.0
47.80
52.80
1
100
69.4
8.65
5
MT
CT
TV06B450K(B)-G
45.0
50.00
61.10
1
100
80.3
7.47
5
MU
CU
TV06B450J(B)-G
45.0
50.00
55.30
1
100
72.7
8.25
5
MV
CV
TV06B480K(B)-G
48.0
53.30
65.10
1
100
85.5
7.02
5
MW
CW
TV06B480J(B)-G
48.0
53.30
58.90
1
100
77.4
7.75
5
MX
CX
TV06B510K(B)-G
51.0
56.70
69.30
1
100
91.1
6.59
5
MY
CY
TV06B510J(B)-G
51.0
56.70
62.70
1
100
82.4
7.28
5
MZ
CZ
TV06B540K(B)-G
54.0
60.00
73.30
1
100
96.3
6.23
5
ND
DD
TV06B540J(B)-G
54.0
60.00
66.30
1
100
87.1
6.89
5
NE
DE
TV06B580K(B)-G
58.0
64.40
78.70
1
100
103.0
5.83
5
NF
DF
TV06B580J(B)-G
58.0
64.40
71.20
1
100
93.6
6.41
5
NG
DG
TV06B600K(B)-G
60.0
66.70
81.50
1
100
107.0
5.61
5
NH
DH
TV06B600J(B)-G
60.0
66.70
73.70
1
100
96.8
6.20
5
NK
DK
TV06B640K(B)-G
64.0
71.10
86.90
1
100
114.0
5.26
5
NL
DL
TV06B640J(B)-G
64.0
71.10
78.60
1
100
103.0
5.83
5
NM
DM
TV06B700K(B)-G
70.0
77.80
95.10
1
100
125.0
4.80
5
NN
DN
TV06B700J(B)-G
70.0
77.80
86.00
1
100
113.0
5.31
5
NP
DP
TV06B750K(B)-G
75.0
83.30
102.00
1
100
134.0
4.48
5
NQ
DQ
TV06B750J(B)-G
75.0
83.30
92.10
1
100
121.0
4.96
5
NR
DR
TV06B780K(B)-G
78.0
86.70
106.00
1
100
139.0
4.32
5
NS
DS
TV06B780J(B)-G
78.0
86.70
95.80
1
100
126.0
4.76
5
NT
DT
TV06B850K(B)-G
85.0
94.40
115.00
1
100
151.0
3.97
5
NU
DU
TV06B850J(B)-G
85.0
94.40
104.00
1
100
137.0
4.38
5
NV
DV
TV06B900K(B)-G
90.0
100.00
122.00
1
100
160.0
3.75
5
NW
DW
TV06B900J(B)-G
90.0
100.00
111.00
1
100
146.0
4.11
5
NX
DX
TV06B101K(B)-G
100.0
111.00
136.00
1
100
179.0
3.35
5
NY
DY
TV06B101J(B)-G
100.0
111.00
123.00
1
100
162.0
3.70
5
NZ
DZ
TV06B111K(B)-G
110.0
122.00
149.00
1
100
196.0
3.06
5
PD
ED
TV06B111J(B)-G
110.0
122.00
135.00
1
100
177.0
3.39
5
PE
EE
TV06B121K(B)-G
120.0
133.00
163.00
1
100
214.0
2.8
5
PF
EF
TV06B121J(B)-G
120.0
133.00
147.00
1
100
193.0
3.1
5
PG
EG
TV06B131K(B)-G
130.0
144.00
176.00
1
100
231.0
2.6
5
PH
EH
TV06B131J(B)-G
130.0
144.00
159.00
1
100
209.0
2.9
5
PK
EK
TV06B151K(B)-G
150.0
167.00
204.00
1
100
268.0
2.2
5
PL
EL
TV06B151J(B)-G
150.0
167.00
185.00
1
100
243.0
2.5
5
PM
EM
Part No.
Absolute Maximum Rating (T
A =25°C)
Electrical Characteristic (TA=25°C)
Max VC
Marking Code
TV06B141K(B)-G
140.0
155.68
190.40
1
100
250.6
2.6
5
PA
EA
TV06B141J(B)-G
140.0
155.00
171.00
1
100
226.8
2.9
5
PB
EB
TV06B800K(B)-G
80.0
88.96
108.80
1
100
143.2
4.19
5
NA
DA
TV06B800J(B)-G
80.0
98.80
97.60
1
100
129.6
4.63
5
NB
DB
TV06B171K(B)-G
170.0
189.00
231.00
1
100
304.0
1.97
5
PQ
EQ
TV06B171J(B)-G
170.0
189.00
209.00
1
100
275.0
2.18
5
PR
ER
TV06B161K(B)-G
160.0
178.00
218.00
1
100
287.0
2.09
5
PN
EN
160.0
178.00
197.00
1
100
259.0
2.32
5
PP
EP
TV06B161J(B)-G
Page 3
REV:C


Similar Part No. - TV06B150K(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B150K COMCHIP-TV06B150K Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
TV06B150KB COMCHIP-TV06B150KB Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV06B150K(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com