Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0009503157 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0009503157
Description  CONNECTOR HOUSING .156 CL CRIMP TERMINAL 2139 SERIES DWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0009503157 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0009503157 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/04/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
09-50-3021
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 3.96mm Crimp Terminal Housing, Friction Ramp, 2 Circuits
Documents:
3D Model
Packaging Specification PK-2139-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-08-50 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
2139
Application
Power, Wire-to-Board
MolexKits
Yes
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
800753614000
Physical
Circuits (maximum)
2
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
0.528/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Temperature Range - Operating
See Product Specification
Material Info
Old Part Number
2139-2A
Reference - Drawing Numbers
Packaging Specification
PK-2139-001
Product Specification
PS-08-50
Sales Drawing
SD-2139
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
2139Series
Use With
2478 Crimp Terminals for 18-24 AWG, 2578
Crimp Terminals for 22-26 AWG
This document was generated on 07/04/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0009503157

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0009503151 MOLEX1-0009503151 Datasheet
202Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, Friction Ramp, 15 Circuits
More results

Similar Description - 0009503157

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5030 MOLEX-5030 Datasheet
190Kb / 3P
   CONNECTOR HOUSING .156 CL CRIMP TERMINAL 2139 SERIES DWG.
0026033101 MOLEX3-0026033101 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
0026034111 MOLEX3-0026034111 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
0026033031 MOLEX3-0026033031 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
0009507111 MOLEX1-0009507111 Datasheet
202Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 11 Circuits
0009508080 MOLEX1-0009508080 Datasheet
298Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 8 Circuits
0009507091 MOLEX1-0009507091 Datasheet
202Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 9 Circuits
0009507141 MOLEX1-0009507141 Datasheet
202Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 14 Circuits
0009508090 MOLEX1-0009508090 Datasheet
298Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 9 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com