Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF3006-G Datasheet(PDF) 2 Page - Comchip Technology

Part # UF3006-G
Description  Ultra Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

UF3006-G Datasheet(HTML) 2 Page - Comchip Technology

  UF3006-G Datasheet HTML 1Page - Comchip Technology UF3006-G Datasheet HTML 2Page - Comchip Technology UF3006-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
QW-BU009
Ultra Fast Recovery Rectifiers
REV:A
Comchip Technology CO., LTD.
Rating and Characteristic Curves (UF
)
Thru. UF3008-G
Fig.2 Maximum Non-Repetitive
Surge Current
0
Number of Cycles at 60Hz
1
Fig.1 Forward Current Derating Curve
Ambient Temperature, (°C)
0
25
75
175
0
1.5
2.5
100
200
3.0
Fig.4 Typical Forward Characteristics
0.1
Instantaneous Forward Voltage, (V)
10
100
1.0
100
125
1.0
2.0
Fig.3 Typical Junction Capacitance
10
Reverse Voltage, (V)
1000
0.1
10
100
100
50
150
0.5
10
50
150
0
0.4
0.8
1.0
1.6
0.2
1.2
0.6
1.0
Single phase
Half wave, 60Hz
Resistive or
inductive load
100
single half sine-wave,
(JEDEC METHOD).
1.8
1.4
UF3001-G~UF3003-G
UF3004-G~UF3005-G
UF3006-G~UF3008-G
CJ=25°C
PULSE WIDTH 300us
1
UF3001-G~UF3005-G
UF3006-G~UF3008-G
CJ=25°C ,f=1MHz
3001-G


Similar Part No. - UF3006-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
UF3006-G COMCHIP-UF3006-G Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
More results

Similar Description - UF3006-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFS330 MICROSEMI-UFS330 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS530 MICROSEMI-UFS530 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
10DF1 NJSEMI-10DF1 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
logo
Central Semiconductor C...
CR8U-02FP CENTRAL-CR8U-02FP_15 Datasheet
475Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N6616 DIGITRON-1N6616 Datasheet
110Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-HF COMCHIP-UF3001-HF Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR6020PT NIUHANG-MUR6020PT Datasheet
305Kb / 3P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
UFS110J MICROSEMI-UFS110J Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS305 MICROSEMI-UFS305 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFT2060 MICROSEMI-UFT2060 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com