Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB580EB-G Datasheet(PDF) 3 Page - Comchip Technology

Part # SB580EB-G
Description  ESD Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB580EB-G Datasheet(HTML) 3 Page - Comchip Technology

  SB580EB-G Datasheet HTML 1Page - Comchip Technology SB580EB-G Datasheet HTML 2Page - Comchip Technology SB580EB-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ESD Leaded Schottky Barrier Rectifiers
Page 3
QW-BB043
REV:A
Comchip Technology CO., LTD.
Marking Code
XXX / XXXX = Product type marking code
SBXXXE
Standard Packaging
Marking code
Part Number
SB520ET-G
SB540ET-G
SB545ET-G
SB550ET-G
SB560ET-G
SB580ET-G
SB5100ET-G
Packaging
REEL
REEL
REEL
REEL
REEL
REEL
REEL
BULK
BULK
BULK
BULK
BULK
BULK
SB540EB-G
SB545EB-G
SB550EB-G
SB560EB-G
SB580EB-G
SB5100EB-G
SB520E
SB540E
SB545E
SB550E
SB560E
SB580E
SB5100E
SB540E
SB545E
SB550E
SB560E
SB580E
SB5100E
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
SB520EA-G
SB540EA-G
SB545EA-G
SB550EA-G
SB560EA-G
SB580EA-G
SB5100EA-G
SB520E
SB540E
SB545E
SB550E
SB560E
SB580E
SB5100E
BULK
SB520EB-G
SB520E
Case Type
DO-201AD
1,200
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
Case Type
DO-201AD
1,200
BOX
( pcs )
AMMO PACK
Case Type
DO-201AD
200
BOX
( pcs )
BULK PACK
Comchip
S M D D i o d e S p e c i a l i s t
1) Suffix code after part number to specify packaging item .
Note:
Packaging
REEL PACK
AMMO PACK
Code
T
A
BULK PACK
B


Similar Part No. - SB580EB-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB580 PANJIT-SB580 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Nanjing International G...
SB580 DGNJDZ-SB580 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diotech Company.
SB580 DIOTECH-SB580 Datasheet
663Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SB580 CHENDA-SB580 Datasheet
482Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SB580 TRSYS-SB580 Datasheet
165Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB580EB-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB260E-G COMCHIP-SB260E-G Datasheet
452Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com