Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH2030 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH2030
Description  Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH2030 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH2030 Datasheet HTML 1Page - Siemens Semiconductor Group SFH2030 Datasheet HTML 2Page - Siemens Semiconductor Group SFH2030 Datasheet HTML 3Page - Siemens Semiconductor Group SFH2030 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SFH 2030
SFH 2030 F
Semiconductor Group
445
Relative spectral sensitivity SFH 2030
Srel = f (λ)
Photocurrent IP = f (Ee), VR = 5 V
Open-circuit-voltage VL= f (Ee)
SFH 2030 F
Relative spectral sensitivity SFH 2030 F
Srel = f (λ)
Total power dissipation Ptot = f (TA)
Photocurrent IP = f (Ev), VR = 5 V
Open-circuit-voltage VL= f (Ev)
SFH 2030
Dark current
IR = f (VR), E = 0
Directional characteristics Srel = f (ϕ)


Similar Part No. - SFH2030

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH2030 SIEMENS-SFH2030 Datasheet
225Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2030F SIEMENS-SFH2030F Datasheet
225Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
More results

Similar Description - SFH2030

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH217 SIEMENS-SFH217 Datasheet
152Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34F SIEMENS-BPW34F Datasheet
42Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BP104F SIEMENS-BP104F Datasheet
38Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BP104F OSRAM-BP104F_01 Datasheet
129Kb / 6P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
logo
Siemens Semiconductor G...
SFH235FA SIEMENS-SFH235FA Datasheet
85Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34FA SIEMENS-BPW34FA Datasheet
48Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BP104FS-Z OSRAM-BP104FS-Z Datasheet
185Kb / 7P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
logo
Siemens Semiconductor G...
SFH203 SIEMENS-SFH203 Datasheet
225Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH229 SIEMENS-SFH229 Datasheet
250Kb / 5P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2540FA SIEMENS-SFH2540FA Datasheet
170Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com