Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB380ET-G Datasheet(PDF) 3 Page - Comchip Technology

Part # SB380ET-G
Description  ESD Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB380ET-G Datasheet(HTML) 3 Page - Comchip Technology

  SB380ET-G Datasheet HTML 1Page - Comchip Technology SB380ET-G Datasheet HTML 2Page - Comchip Technology SB380ET-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ESD Leaded Schottky Barrier Rectifiers
Page 3
QW-BB042
REV:A
Comchip Technology CO., LTD.
Marking Code
XXX / XXXX = Product type marking code
SBXXXE
Standard Packaging
Marking Code
Part Number
SB320ET-G
SB340ET-G
SB345ET-G
SB350ET-G
SB360ET-G
SB380ET-G
SB3100ET-G
Packaging
REEL
REEL
REEL
REEL
REEL
REEL
REEL
BULK
BULK
BULK
BULK
BULK
BULK
SB340EB-G
SB345EB-G
SB350EB-G
SB360EB-G
SB380EB-G
SB3100EB-G
SB320E
SB340E
SB345E
SB350E
SB360E
SB380E
SB3100E
SB340E
SB345E
SB350E
SB360E
SB380E
SB3100E
1) Suffix code after part number to specify packaging item .
Note:
Packaging
REEL PACK
AMMO PACK
Code
T
A
BULK PACK
B
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
SB320EA-G
SB340EA-G
SB345EA-G
SB350EA-G
SB360EA-G
SB380EA-G
SB3100EA-G
SB320E
SB340E
SB345E
SB350E
SB360E
SB380E
SB3100E
BULK
SB320EB-G
SB320E
Case Type
DO-201AD
1,200
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
Case Type
DO-201AD
1,200
BOX
( pcs )
AMMO PACK
Case Type
DO-201AD
200
BOX
( pcs )
BULK PACK
Comchip
S M D D i o d e S p e c i a l i s t


Similar Part No. - SB380ET-G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SB380 YFWDIODE-SB380 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB380 PANJIT-SB380 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Shanghai Shunye Electro...
SB380 SY-SB380 Datasheet
667Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SB380 DAESAN-SB380 Datasheet
295Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Rugao Dachang Electroni...
SB380 DACHANG-SB380 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB380ET-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB260E-G COMCHIP-SB260E-G Datasheet
452Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com