Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB380ET-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SB380ET-G
Description  ESD Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB380ET-G Datasheet(HTML) 1 Page - Comchip Technology

  SB380ET-G Datasheet HTML 1Page - Comchip Technology SB380ET-G Datasheet HTML 2Page - Comchip Technology SB380ET-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD Leaded Schottky Barrier Rectifiers
QW-BB042
Page 1
REV:A
Electrical Characteristics (at TA=25°C unless otherwise noted)
Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.5” (12.7mm) lead length at TA=75°C, See Figure 1
Peak forward surge current
8.3ms single half sine-wave superimposed on rated load
(JEDEC method) TL=110°C
Maximum f
3.0A (Note 1)
orward voltage at
Maximum DC reverse current
At rated DC blocking voltage
Typical junction capacitance (Note 2)
Operating junction temperature range
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ
-65 to +150
V
V
V
A
A
V
pF
°C/W
mA
NOTES:
1. Pulse test : 300µS pulse width, 1% duty cycle.
2.
.
Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
Voltage: 20 to 100 V
Current: 3.0 A
RoHS Device
SB320E-G Thru. SB3100E-G
Dimensions in inches and (millimeter)
DO-201AD
Storage temperature range
Comchip Technology CO., LTD.
3. Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted 0.500” (12.7mm)
pad.
lead length with 2.5x2.5” (63.5x63.5mm) copper
1.0(25.4) Min.
1.0(25.4) Min.
0.375(9.5)
0.287(7.3)
0.210(5.3)
0.189(4.8)
0.052(1.3)
0.048(1.2)
TSTG
°C
°C
Typical t
(Note 3)
hermal resistance
RθJA
RθJL
20
20
40
40
45
45
50
50
60
60
80
80
100
100
14
28
30
35
42
56
70
3.0
-65 to +150
-65 to +125
20
30
40.0
20.0
0.5
0.50
0.85
0.70
250
80
Unit
SB
320E-G
SB
340E-G
SB
345E-G
SB
350E-G
SB
360E-G
SB
3100E-G
SB
380E-G
Features
Mechanical data
-Low drop down voltage.
-
.
3.0A operation at TA=75°C with no thermal runaway
-For use in low voltage, high frequency invertors free
wheeling and polarity protection
.
-Silicon epitaxial planar chips.
-Lead-free part, meet RoHS requirements.
-Epoxy: UL94-V0 rated flame retardant
-Case: Molded plastic body DO-201AD
-Terminals: Solderable per MIL-STD-750 Method 2026
-Polarity: Color band denotes cathode end
-Mounting Position: Any
-Weight: 1.12 grams
-ESD test under IEC6100-4-2 :
Standard: >15KV(Air) & 8KV(Contact)
TA= 25°C
TA=100°C
Comchip
S M D D i o d e S p e c i a l i s t


Similar Part No. - SB380ET-G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SB380 YFWDIODE-SB380 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB380 PANJIT-SB380 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Shanghai Shunye Electro...
SB380 SY-SB380 Datasheet
667Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SB380 DAESAN-SB380 Datasheet
295Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Rugao Dachang Electroni...
SB380 DACHANG-SB380 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB380ET-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB260E-G COMCHIP-SB260E-G Datasheet
452Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com