Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6728BWJ12 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM6728BWJ12
Description  256K x 4 Bit Fast Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6728BWJ12 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM6728BWJ12 Datasheet HTML 1Page - Motorola, Inc MCM6728BWJ12 Datasheet HTML 2Page - Motorola, Inc MCM6728BWJ12 Datasheet HTML 3Page - Motorola, Inc MCM6728BWJ12 Datasheet HTML 4Page - Motorola, Inc MCM6728BWJ12 Datasheet HTML 5Page - Motorola, Inc MCM6728BWJ12 Datasheet HTML 6Page - Motorola, Inc MCM6728BWJ12 Datasheet HTML 7Page - Motorola, Inc MCM6728BWJ12 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MCM6728B
5
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled, See Notes 1 and 2)
6728B–8
6728B–10
6728B–12
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
8
10
12
ns
3
Address Setup Time
tAVWL
0
0
0
ns
Address Valid to End of Write
tAVWH
8
9
10
ns
Write Pulse Width
tWLWH,
tWLEH
8
9
10
ns
Data Valid to End of Write
tDVWH
4
5
6
ns
Data Hold Time
tWHDX
0
0
0
ns
Write Low to Data High–Z
tWLQZ
0
4
0
5
0
6
ns
4,5,6
Write High to Output Active
tWHQX
3
3
3
ns
4,5,6
Write Recovery Time
tWHAX
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycles.
3. All write cycle timings are referenced from the last valid address to the first transitioning address.
4. Transition is measured 200 mV from steady–state voltage with load of Figure 1B.
5. This parameter is sampled and not 100% tested.
6. At any given voltage and temperature, tWLQZ max < tWHQX min both for a given device and from device to device.
WRITE CYCLE 1
HIGH–Z
DATA VALID
tDVWH
tAVWL
tAVWH
tAVAV
tWHAX
tWLEH
tWHDX
tWLQZ
tWHQX
HIGH–Z
A (ADDRESS)
W (WRITE ENABLE)
E (CHIP ENABLE)
Q (DATA OUT)
D (DATA IN)
tWLWH


Similar Part No. - MCM6728BWJ12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ6 MOTOROLA-MCM6726CWJ6 Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ6R MOTOROLA-MCM6726CWJ6R Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ7 MOTOROLA-MCM6726CWJ7 Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ7R MOTOROLA-MCM6726CWJ7R Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6728BWJ12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com