Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF1050-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MBRF1050-G
Description  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBRF1050-G Datasheet(HTML) 2 Page - Comchip Technology

  MBRF1050-G Datasheet HTML 1Page - Comchip Technology MBRF1050-G Datasheet HTML 2Page - Comchip Technology MBRF1050-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES (
)
MBRF1030-G Thru. MBRF10100-G
Fig.2 - Maximum Non-Repetitive Surge Current
1
250
200
150
100
50
0
300
10
2
5
20
50
100
Fig.4 - Typical Rever Characteristics
Fig.5 - Typical Junction Capacitance
10000
1000
100
Fig.1 - Forward Current Derating Curve
Schottky Barrier Rectifiers
Case Temperature, (°C)
Number Of Cycles at 60Hz
Reverse Voltage, (V)
1
10
100
0.1
TJ=25°C f=1MHz
7.5
5.0
2.5
10.0
0
25
100
50
75
125
150
200
0
12.5
Single half wave 60Hz
Resistive or inductive load
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
175
MBRF1080-G
MBRF10100-G
~
MBRF1030-G
MBRF1060-G
~
MBRF1080-G
MBRF10100-G
~
MBRF1030-G
MBRF1060-G
~
Fig.3 - Typical Reverse Characteristics
20
Percent of Rated Peak Reverse Voltage, (%)
10.0
100
0.01
1.0
0.1
40
60
80
100
120
140
0
TJ =125°C
TJ =75°C
TJ =25°C
MBRF1080-G
MBRF10100-G
~
MBRF1030-G
MBRF1060-G
~
0.3
0.5
1.0
0.9
0.7
0.4
0.6
0.8
Instantaneous Forward Voltage, (V)
0.1
1
10
100
MBRF1030-G
MBRF1045-G
~
MBRF1080-G
MBRF10100-G
~
MBRF1050-G
MBRF1060-G
~
TJ=25°C
PULSE WIDTH 300US
2% DUTY CYCLE
QW-BB053
Page 2
REV:A
Comchip Technology CO., LTD.


Similar Part No. - MBRF1050-G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1050 GE-MBRF1050 Datasheet
105Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
MBRF1050 LUGUANG-MBRF1050 Datasheet
251Kb / 2P
   Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
MBRF1050 ZSELEC-MBRF1050 Datasheet
322Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
MBRF1050 MCC-MBRF1050 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shenzhen Luguang Electr...
MBRF1050 LUGUANG-MBRF1050 Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1050-G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com