Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER306GB-G Datasheet(PDF) 4 Page - Comchip Technology

Part # HER306GB-G
Description  High Efficiency Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

HER306GB-G Datasheet(HTML) 4 Page - Comchip Technology

  HER306GB-G Datasheet HTML 1Page - Comchip Technology HER306GB-G Datasheet HTML 2Page - Comchip Technology HER306GB-G Datasheet HTML 3Page - Comchip Technology HER306GB-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
Comchip Technology CO., LTD.
XXX = Product type marking code
Standard Packaging
Marking Code
Marking code
HER301G
HER302G
HER303G
HER304G
HER305G
HER306G
HER307G
HER308G
HER301G
HER302G
HER303G
HER304G
HER305G
HER306G
HER307G
HER308G
HER301G
HER302G
HER303G
HER304G
HER305G
HER306G
HER307G
HER308G
Part Number
HER301GB-G
HER302GB-G
HER303GB-G
HER304GB-G
HER305GB-G
HER306GB-G
HER307GB-G
HER308GB-G
HER301GT-G
HER302GT-G
HER303GT-G
HER304GT-G
HER305GT-G
HER306GT-G
HER307GT-G
HER308GT-G
HER301GA-G
HER302GA-G
HER303GA-G
HER304GA-G
HER305GA-G
HER306GA-G
HER307GA-G
HER308GA-G
Packaging
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
BULK
BULK
BULK
BULK
BULK
BULK
BULK
BULK
REEL
REEL
REEL
REEL
REEL
REEL
REEL
REEL
1) Suffix code after part number to specify packaging item .
Note:
Packaging
AMMO PACK
BULK PACK
Code
A
B
REEL PACK
T
Case Type
DO-27
1,200
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
12,000
Case Type
DO-27
200
BOX
( pcs )
500
BULK PACK
CARTON
( pcs )
10,000
12,000
Case Type
DO-27
1,200
REEL
( pcs )
REEL PACK
Reel Size
(inch)
13
REV:A
High Efficiency Rectifiers
QW-BU012
HERXXXG


Similar Part No. - HER306GB-G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
HER306G YFWDIODE-HER306G Datasheet
434Kb / 3P
   High Efficiency Silicon Rectifiers
logo
Jinan Gude Electronic D...
HER306G JGD-HER306G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Weitron Technology
HER306G WEITRON-HER306G Datasheet
218Kb / 2P
   High Efficiency Rectifier Glass Passivation Junction
logo
Jinan Jing Heng Electro...
HER306G JINGHENG-HER306G Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HER306G SAMYANG-HER306G Datasheet
433Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

Similar Description - HER306GB-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com