Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER107GT-G Datasheet(PDF) 2 Page - Comchip Technology

Part # HER107GT-G
Description  High Efficiency Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

HER107GT-G Datasheet(HTML) 2 Page - Comchip Technology

  HER107GT-G Datasheet HTML 1Page - Comchip Technology HER107GT-G Datasheet HTML 2Page - Comchip Technology HER107GT-G Datasheet HTML 3Page - Comchip Technology HER107GT-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
REV:A
Comchip Technology CO., LTD.
Rating and Characteristic Curves (HER101G-G Thru. HER108G-G)
Fig.3- Peak Forward Surge Current
0
Number of Cycles at 60Hz
1
Fig.1- Forward Current Derating Curve
Ambient Temperature, (°C)
0
25
75
175
0
1.5
2.5
100
30
3.0
Fig.2- Typical Forward Characteristics
0.1
Instantaneous Forward Voltage, (V)
10
0.01
1.0
100
125
1.0
2.0
50
150
0.5
10
10
0.4
0.8
1.0
1.6
0.2
1.2
0.6
Single phase half wave
Resistive or inductive load
single half-sine-wave
1.4
HER101G-G to HER104G-G
Pulse width 8.3 ms
20
Fig.4- Typical Junction Capacitance
10
Reverse Voltage, (V)
10
100
100
1
1
TJ = 25°C , f = 1MHz
HER101G-G to HER105G-G
HER106G-G to HER108G-G
HER105G-G
HER106G-G
TJ = 25°C
Pulse width = 300us
HER108G-G
to
High Efficiency Rectifiers
QW-BU010


Similar Part No. - HER107GT-G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER107G JGD-HER107G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER107G CHONGQING-HER107G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
HER107G DACHANG-HER107G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Shanghai Lunsure Electr...
HER107G CHENYI-HER107G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
logo
SeCoS Halbleitertechnol...
HER107G SECOS-HER107G Datasheet
454Kb / 2P
   1.0 AMP Glass Passivated High Efficiency Rectifier
More results

Similar Description - HER107GT-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com