Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC3506-G Datasheet(PDF) 2 Page - Comchip Technology

Part # GBPC3506-G
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

GBPC3506-G Datasheet(HTML) 2 Page - Comchip Technology

  GBPC3506-G Datasheet HTML 1Page - Comchip Technology GBPC3506-G Datasheet HTML 2Page - Comchip Technology GBPC3506-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
REV: A
Rating and Characteristics Curves (GBPC10005-G Thru. GBPC5010-G Series)
QW-BBR58
Comchip Technology CO., LTD.
Fig.2 Typical Forward Characteristics
-
Instantaneous Forward Voltage, (V)
0.4
1.0
10
100
0.1
0.01
0.6
1.2
1.4
1.6
0.8
1.0
GBPC50-G
GBPC15-G
GBPC25-G
GBPC35-G
Fig.4 Typical Reverse Characteristics
-
0
40
80
100
140
0.01
Percent of Rated Peak Reverse Voltage, (V)
0.1
1.0
10.0
120
60
20
TJ=25°C
Number Of Cycles At 60 HZ
Fig.3
Maximum Forward Surge Current
-
1
10
100
0
200
450
400
350
GBPC15-G
300
500
GBPC25-G
GBPC35-G
GBPC50-G
1
100
150
Temperature,(°C)
0
10
20
40
30
Fig.1 - Dearting Current Output
Rectified Current
50
50
GBPC50-G
GBPC35-G
GBPC25-G
GBPC15-G
Glass Passivated Bridge Rectifiers
100


Similar Part No. - GBPC3506-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GBPC3506-E4-51 VISHAY-GBPC3506-E4-51 Datasheet
99Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 28-Mar-11
GBPC3506-E4-51 VISHAY-GBPC3506-E4-51 Datasheet
98Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 28-Mar-11
GBPC3506-E4/51 VISHAY-GBPC3506-E4/51 Datasheet
116Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
GBPC3506-E4/51 VISHAY-GBPC3506-E4/51 Datasheet
650Kb / 6P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 21-Feb-14
logo
DONGGUAN YOU FENG WEI E...
GBPC3506-E4/51 YFWDIODE-GBPC3506-E4/51 Datasheet
1Mb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
More results

Similar Description - GBPC3506-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com