Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU806-G Datasheet(PDF) 3 Page - Comchip Technology

Part # GBU806-G
Description  SMD Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

GBU806-G Datasheet(HTML) 3 Page - Comchip Technology

  GBU806-G Datasheet HTML 1Page - Comchip Technology GBU806-G Datasheet HTML 2Page - Comchip Technology GBU806-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 3
REV: A
QW-BBR54
Comchip Technology CO., LTD.
XXX / XXXX = Product type marking code
GBU
XXX
+
-
AC
C
C = Compchip Logo
Marking Code
Standard Packaging
Case Type
GBU
20
TUBE
( pcs )
TUBE PACK
1,000
BOX
( pcs )
GBU8005-G
GBU801-G
GBU802-G
GBU804-G
GBU806-G
GBU808-G
GBU810-G
Part Number
Marking code
GBU8005
GBU801
GBU802
GBU804
GBU806
GBU808
GBU810


Similar Part No. - GBU806-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU806-K TSC-GBU806-K Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU806-K TSC-GBU806-K Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBU806-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
   SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DB101S-G COMCHIP-DB101S-G Datasheet
100Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
MP10005G-G COMCHIP-MP10005G-G Datasheet
84Kb / 3P
   SMD Glass Passivated Bridge Rectifiers
DF201S-G COMCHIP-DF201S-G Datasheet
103Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DF206S-G COMCHIP-DF206S-G Datasheet
103Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
ABS05-HF COMCHIP-ABS05-HF Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DF15005S-G COMCHIP-DF15005S-G_12 Datasheet
105Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DF2005S-G COMCHIP-DF2005S-G Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com