Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR204GB-G Datasheet(PDF) 1 Page - Comchip Technology

Part # FR204GB-G
Description  Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FR204GB-G Datasheet(HTML) 1 Page - Comchip Technology

  FR204GB-G Datasheet HTML 1Page - Comchip Technology FR204GB-G Datasheet HTML 2Page - Comchip Technology FR204GB-G Datasheet HTML 3Page - Comchip Technology FR204GB-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
rectified current
Maximum instantaneous forward
voltage at
current
specified
Maximum
reverse current
DC
Operating temperature range
Storage temperature range
Maximum reverse recovery time (Note 1)
50
35
50
VB
VR
VDC
IF
VF
IR
trr
TJ
TSTG
2.0
5.0
-55 ~ +150
-55 ~ +150
V
V
V
A
ns
°C
°C
Maximum repetitive peak
@IT = 5μA
NOTES:
1. R
test conditions: IF=0.5A, IR=1.0A, IRR=0.25A(RGI circuit)
everse recovery
Voltage: 50 to 1000 V
Current: 2.0 A
RoHS Device
Dimensions in inches and (millimeter)
DO-15
Features
-Glass passivated chip.
-High current capability.
-Low forward voltage.
Mechanical data
-Case: JEDEC DO-15 molded plastic.
-Polarity: Color band denotes cathode end.
-Lead: Solderable per MIL-STD-202,
method 208 guaranteed.
-Mounting position: Any
-Weight: 0.402 grams
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
FR201G-G Thru. FR207G-G
Page 1
QW-BF010
Fast Recovery Rectifiers
REV:A
Comchip Technology CO., LTD.
0.300(7.63)
1.000(25.40) Min.
0.142(3.61) DIA.
0.033(0.84) DIA.
0.028(0.71) DIA.
0.102(2.60) DIA.
0.230(5.85)
1.000(25.40) Min.
150
250
-Epoxy: UL
retardant.
94V-0 rate flame
1000
700
1000
1.3
μA
V
-High reliability.
-High surge current capability.
Symbol
Unit
FR
201G-G
FR
202G-G
FR
203G-G
FR
204G-G
FR
205G-G
FR
206G-G
FR
207G-G
500
reverse voltage
@TA=25°C
Maximum Ratings and Electrical Characteristics (at TA=25°C unless otherwise noted)


Similar Part No. - FR204GB-G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR204G FORMOSA-FR204G Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
Rectron Semiconductor
FR204G RECTRON-FR204G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Galaxy Semi-Conductor H...
FR204G BILIN-FR204G Datasheet
76Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Sangdest Microelectroni...
FR204G SMC-FR204G Datasheet
177Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Zibo Seno Electronic En...
FR204G ZSELEC-FR204G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results

Similar Description - FR204GB-G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com