Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z16C3010AEC00TR Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z16C3010AEC00TR
Description  CMOS USC Universal Serial Controller
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z16C3010AEC00TR Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z16C3010AEC00TR Datasheet HTML 6Page - Zilog, Inc. Z16C3010AEC00TR Datasheet HTML 7Page - Zilog, Inc. Z16C3010AEC00TR Datasheet HTML 8Page - Zilog, Inc. Z16C3010AEC00TR Datasheet HTML 9Page - Zilog, Inc. Z16C3010AEC00TR Datasheet HTML 10Page - Zilog, Inc. Z16C3010AEC00TR Datasheet HTML 11Page - Zilog, Inc. Z16C3010AEC00TR Datasheet HTML 12Page - Zilog, Inc. Z16C3010AEC00TR Datasheet HTML 13Page - Zilog, Inc. Z16C3010AEC00TR Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
DS007902-0708
P R E L I M I N A R Y
Pin Description
Z16C30
Product Specification
6
The Z16C30 contains 13 pins per channel for channel I/O, 16 pins for address and data, 12
pins for CPU handshake, and 14 pins for power and ground.
Three separate bus interface types are available for the device. The Bus Configuration
Register (BCR) and external connections to the AD bus control selection of the bus type.
A 16-bit bus is selected by setting BCR bit 2 to a 1. The 8-bit bus is selected by setting
BCR bit 2 to 0 and tying AD15–AD8 to VSS.
Figure 4. 100-Pin VQFP Pin Assignments
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
NC
NC
NC
NC
TXACKB
PITACK
R/W
WR
RD
DS
AS
VCC
VCC
VCC
RESET
CS
D/C
A/B
SITACK
WAIT/RDY
TXACKA
NC
NC
NC
NC
NC
NC
NC
NC
TXREQB
RXCB
RXDB
DCDB
TXCB
TXDB
CTSB
GND
GND
GND
CTSA
TXDA
TXCA
DCDA
RXDA
RXCA
TXREQA
NC
NC
NC
NC
510
15
20
25
70
65
60
55
51
75
100-Pin VQFP


Similar Part No. - Z16C3010AEC00TR

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z16C3010AEC ZILOG-Z16C3010AEC Datasheet
637Kb / 2P
   ZiLOGs Family of Serial Communication Controllers
More results

Similar Description - Z16C3010AEC00TR

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z16C30 ZILOG-Z16C30 Datasheet
981Kb / 86P
   CMOS USC Universal Controller
logo
NXP Semiconductors
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
   CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
logo
Zilog, Inc.
Z16C32SL ZILOG-Z16C32SL Datasheet
98Kb / 22P
   IUSC??INTEGRATED UNIVERSAL SERIAL CONTROLLER
logo
Texas Instruments
UCC3831 TI-UCC3831 Datasheet
144Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
logo
Zilog, Inc.
Z16C32 ZILOG-Z16C32 Datasheet
415Kb / 121P
   IUSC??INTEGRATED UNIVERSAL SERIAL CONTROLLER
logo
Texas Instruments
UCC3831 TI1-UCC3831_08 Datasheet
171Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC38531 TI1-UCC38531_08 Datasheet
128Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC38531 TI-UCC38531 Datasheet
102Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com