Electronic Components Datasheet Search |
|
MTPH48K3NO Datasheet(PDF) 6 Page - Switchcraft, Inc. |
|
MTPH48K3NO Datasheet(HTML) 6 Page - Switchcraft, Inc. |
6 / 101 page MTPH48K3NO PATCHBAYS 5 w w w . s w i t c h c r a f t . c o m 5555 North Elston Avenue / Chicago, IL 60630 Phone: 773-792-2700 / Fax: 773-792-2129 MTPH/TTPH Harness Series Features and Benefits • Units feature either 48 MT style jacks or 96 TT style jacks on the front panels, to a 4 foot harness, out to a backpanel with PPT’s • All versions utilize AES/EBU wiring for complete digital compatibility • Attractive, corrosion resistant nickel-plated, steel frame jacks • Gold-plated switching contacts reduce contact resistance, improve reliability Specifications Materials Jacks Frame: Nickel-plated steel Bushing: Nickel-plated brass Tip, Ring and Shunt Springs: Nickel silver with welded contacts Assembly Screws: Zinc-plated steel Welded Contacts: Gold alloy Panel Front Channel: Black anodized aluminum Frame: C.R.S. black epoxy painted Designation Strips: Black polycarbonate 94V-0 Designation Strip Covers: Clear polycarbonate Jack Inserts: Thermoplastic polyester Mechanical Life: 30,000 cycles Insertion Force: 7 lbs. maximum Withdrawal Force: 1 lb. minimum Environmental: 0˚C to +50˚C Electrical Contact Resistance: 30 milliohms maximum initial Insulation Resistance: 10,000 megohms maximum Dielectric Withstanding Voltage: 500 VAC at 60 Hz Working Voltage: 140 VDC maximum Current Rating: 100 milliamps The MTPH and TTPH Harness Series utilize standard front panel assemblies, a 4-foot cable harness, and our standard back panel assemblies. Primarily used where the back panels must either be mounted into a rack, or brought back to the front for easier access. Custom cable lengths can also be supplied. Contact the factory for details. DIGITAL AES / EBU Digital Ready! Ordering Information Type No. of Part Number of Jack Jacks Description MTPH48K1NS MT 48 1.75" High front panel, 4’ Harness, 3.5" High back panel, normals strapped MTPH48K1NO MT 48 1.75" High front panel, 4’ Harness, 3.5" High back panel, normals brought out MTPH48K3NS MT 48 3.5" High front panel, 4’ Harness, 3.5" High back panel, normals strapped MTPH48K3NO MT 48 3.5" High front panel, 4’ Harness, 3.5" High back panel, normals brought out MTPH48K3SNO MT 48 3.5" High front panel, 4’ Harness, 3.5" High back panel, sleeve normals brought out TTPH96K1NS TT 96 1.75" High front panel, 4’ Harness, 3.5" High back panel, normals strapped TTPH96K1NO TT 96 1.75" High front panel, 4’ Harness, 5.25" High back panel, normals brought out TTPH96K3NS TT 96 3.5" High front panel, 4’ Harness, 3.5" High back panel, normals strapped TTPH96K3NO TT 96 3.5" High front panel, 4’ Harness, 5.25" High back panel, normals brought out See Next Page for Mechanical Drawings * Please visit the product pages on our website for the most up-to-date product information |
Similar Part No. - MTPH48K3NO |
|
Similar Description - MTPH48K3NO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |