Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA5650X Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SDA5650X
Description  VPS / PDC-plus Decoder
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5650X Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SDA5650X Datasheet HTML 4Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 5Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 6Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 7Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 8Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 9Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 10Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 11Page - Siemens Semiconductor Group SDA5650X Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
SDA 5650/X
Semiconductor Group
8
02.97
2
System Description
2.1
Functions
Referring to the functional block diagram of the PDC / VPS decoder, the composite video
signal with negative going sync pulses is coupled to the pin CVBS through a capacitor
which is used for clamping the bottom of the sync pulses to an internally fixed level. The
signal is passed on to the slicer, an analogue circuitry separating the sync and the data
parts of the CVBS signal, thus yielding the digital composite sync signal VCS and a
digital data signal for further processing by comparing those signals to internally
generated slicing levels.
The output of the sync separator is forwarded, on one hand, to the output pin VCS, and
on the other hand, to the clock generator and the timing block. The VCS signal
represents a key signal that is used for deriving a system clock signal by means of a PLL
and all other timing signal.
The data slicer separates the data signal from the CVBS signal by comparing the video
voltage to an internally generated slicing level which is found by averaging the data
signal during TV line no. 16 in the VPS mode or by averaging the data signal during the
clock run-in period of the teletext lines during the data entry window (DEW) in PDC
mode.
The clock generator delivers the system clock needed for the basic timing as well as for
the regeneraton of the dataclock. It is based on two phase locked loops (PLL’s) all parts
of which are integrated on chip with the exception of the loop filter components. Each of
the PLL’s is composed of a voltage controlled relaxation oscillator (VCO), a phase/
frequency detector (PFD), and a charge pump which converts the digital output signals
of the PFD to an analogue current. That current is transformed to a control voltage for
the VCO by the off-chip loop filter. The generated VCO frequencies are 10 MHz and
13.875 MHz for VPS mode and PDC mode, respectively.
All signals necessary for the control of sync and data slicing as well as for the data
acquisition are generated by the Timing block.
The SDA 5650 can be operated in three different modes: Depending on the selected
operating mode, either teletext lines carrying 8/30 packages, the dedicated TV line
no. 16 (VPS) or the teletext header bytes 38-45, 30-37, 22-29 and 14-21 are acquired.
In PDC mode, only teletext rows 8/30 containing Broadcast Data Service Package
(BDSP) information are acquired. The relevant bytes of 8/30 format 1 (8/30/1) and 8/30
format 2 (8/30/2) are extracted. The 8/30/1-bytes are stored in the acquisition register in
a transparent way without any bit manipulation, whereas the Hamming coded bytes of
packet 8/30/2 are Hamming-checked and bytes with one bit error are corrected. The
storage of error free or corrected 8/30/2-data bytes in the transfer register to the I2C Bus
is signalled by the DAVN output going low.


Similar Part No. - SDA5650X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
SDA5642-6X SIEMENS-SDA5642-6X Datasheet
684Kb / 27P
   VPS-Decoder
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5648X SIEMENS-SDA5648X Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
More results

Similar Description - SDA5650X

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
logo
Zarlink Semiconductor I...
MV1822 ZARLINK-MV1822 Datasheet
584Kb / 11P
   PDC VPS AND TIME RECEIVER
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
logo
Sanyo Semicon Device
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
logo
Siemens Semiconductor G...
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
NXP Semiconductors
SAA5233 PHILIPS-SAA5233 Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
logo
Zarlink Semiconductor I...
MV1821 ZARLINK-MV1821 Datasheet
586Kb / 8P
   VIDEO CASSETTE RECORDER PDC AND VPS INTERFACE CIRCUIT
logo
STMicroelectronics
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
logo
Siemens Semiconductor G...
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com