Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67106-H5157 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67106-H5157
Description  Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67106-H5157 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67106-H5157 Datasheet HTML 1Page - Siemens Semiconductor Group Q67106-H5157 Datasheet HTML 2Page - Siemens Semiconductor Group Q67106-H5157 Datasheet HTML 3Page - Siemens Semiconductor Group Q67106-H5157 Datasheet HTML 4Page - Siemens Semiconductor Group Q67106-H5157 Datasheet HTML 5Page - Siemens Semiconductor Group Q67106-H5157 Datasheet HTML 6Page - Siemens Semiconductor Group Q67106-H5157 Datasheet HTML 7Page - Siemens Semiconductor Group Q67106-H5157 Datasheet HTML 8Page - Siemens Semiconductor Group Q67106-H5157 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Expanded Decoder for Program Delivery
Control and Video Program System
EPDC / VPS Decoder
CMOS IC
P-DIP-14-3
P-DSO-20-1
Features
q
Single-chip receiver for PDC data, broadcast either
– in Broadcast Data Service Packet (BDSP) 8/30/2
according to CCIR teletext system B, or
– in dedicated line no. 16 of the vertical blanking interval
(VPS)
q
Reception of Unified Date and Time (UDT), Network
Identification code (NIC), and Short Program Label (SPL)
broadcast in BDSP 8/30/1
q
Reception of bytes no.38 through 45 of teletext header row
containing clock time
q
Low external components count
q
On-chip data and sync slicer
q I2C-Bus interface for communication with external
microcontroller
q
Selection of PDC/VPS operating mode software controlled
by I2C-Bus register
q
Pin and software compatible to PDC/VPS Decoder
SDA 5648
q
Supply voltage: 5 V
± 10 %
q
Video input signal level: 0.7 Vpp to 1.4 Vpp
q
Technology: CMOS
q
Package: P-DIP-14-3 and P-DSO-20-1
q
Operating temperature range: 0 to 70
°C
Semiconductor Group
44
12.94
SDA 5649
SDA 5649X
Functional Description
The CMOS circuit SDA 5649 is intended for use in video cassette recorders to retrieve control data
of the PDC system from the data lines broadcast during the vertical blanking interval of a standard
video signal.
The SDA 5649 is devised to handle PDC data transported either in Broadcast Data Service Packet
(BDSP) 8/30 format 2 (bytes no. 13 through 25) of CCIR teletext system B or in the dedicated data
line no. 16 in the case of VPS.
Type
Ordering Code
Package
SDA 5649
Q67100-H5156
P-DIP-14-3
SDA 5649X
Q67106-H5157
P-DSO-20-1 Tape & Reel


Similar Part No. - Q67106-H5157

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67106-H5163 SIEMENS-Q67106-H5163 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
Q67106-H5183 SIEMENS-Q67106-H5183 Datasheet
684Kb / 27P
   VPS-Decoder
More results

Similar Description - Q67106-H5157

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
Zilog, Inc.
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
logo
Siemens Semiconductor G...
SDA5650 SIEMENS-SDA5650 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
logo
Motorola, Inc
MCD212 MOTOROLA-MCD212 Datasheet
872Kb / 87P
   Video Decoder and System Controller(with JTAG)
logo
Toshiba Semiconductor
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
   Multi System Video Decoder IC
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
logo
STMicroelectronics
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com