Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC995LP5GE Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC995LP5GE
Description  GaAs pHEMT MMIC 3 WATT POWER AMPLIFIER SMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC995LP5GE Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC995LP5GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC995LP5GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC995LP5GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC995LP5GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC995LP5GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC995LP5GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC995LP5GE Datasheet HTML 8Page - Hittite Microwave Corporation HMC995LP5GE Datasheet HTML 9Page - Hittite Microwave Corporation HMC995LP5GE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC995LP5GE
v00.0611
GaAs pHEMT MMIC 3 WATT POWER AMPLIFIER SMT
WITH POWER DETECTOR, 12 - 16 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1-5)
+8V
RF Input Power (RFIN)
+24 dBm
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 137 mW/°C above 85 °C)
8.9 W
Thermal Resistance
(channel to gnd paddle)
7.3 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Vdd (V)
Idd (mA)
5
1200
6
1200
7
1200
Note: Amplifier will operate over full voltage ranges shown
above Vgg adjusted to achieve Idd = 1200 mA
Typical Supply Current vs. Vdd
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS


Similar Part No. - HMC995LP5GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC995LP5GE HITTITE-HMC995LP5GE Datasheet
905Kb / 10P
   GaAs pHEMT MMIC 3 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12 - 16 GHz
More results

Similar Description - HMC995LP5GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC590 AD-HMC590 Datasheet
402Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC591 AD-HMC591 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC943ALP5DE AD-HMC943ALP5DE Datasheet
994Kb / 11P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC1029 HITTITE-HMC1029 Datasheet
1Mb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com