Part Name
         Description
SDA5648X

 Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder ( 23 Page)


SIEMENS
100% 
Zoom Out Zoom In
 12 page
background image
SDA 5648
SDA 5648X
Semiconductor Group
32
Electrical Characteristics
Absolute Maximum Ratings
T
A = 25 °C
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
typ.
max.
Ambient temperature
T
A
070
°C
in operation
Storage temperature
T
stg
– 40
125
°C
by storage
Total power dissipation
P
tot
300
mW
Power dissipation per output
P
DQ
10
mW
Input voltage
V
IM
– 0.3
6
V
Supply voltage
V
DD
– 0.3
6
V
Thermal resistance
R
th SU
80
K/W
Operating Range
Supply voltage
V
DD
4.5
5
5.5
V
Supply current
I
DD
515
mA
Ambient temperature range
T
A
070
°C
Characteristics
T
A = 25 °C
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
typ.
max.
Input Signals SDA, SCL, CS0
H-input voltage
V
IH
0.7
× V
DD
V
DD
V
L-input voltage
V
IL
0
0.3
× V
DD
V
Input capacitance
C
I
10
pF
Input current
I
IM
10
µA
Input Signal TI
H-input voltage
V
IH
0.9
× V
DD
V
DD
V
L-input voltage
V
IL
0
0.1
× V
DD
V
Input capacitance
C
I
10
pF
Input current
I
IM
10
µA



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SDA5649Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder 1 2 3 4 5 MoreSiemens Semiconductor Group
TB1227BNVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
IM13400Cyntec IPM is integrated drive protection and system control functions that is designed for high performance 3-phase motor driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TB1229DNVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
BCM7038DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV 1 2 Broadcom Corporation.
TA1270BFPAL/NTSC VIDEO AND CHROMA SYNC PROCESSING SYSTEM FOR PIP/POP/PAP 1 2 3 4 5 MoreToshiba Semiconductor
TB1230ANVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors
MCD212Video Decoder and System Controller with JTAG 1 2 3 4 5 MoreMotorola, Inc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl