Part Name
         Description
SDA5649

 Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder ( 26 Page)


SIEMENS
100% 
Zoom Out Zoom In
 
 3 page
background image
SDA 5649
SDA 5649X
Semiconductor Group
46
Pin Definitions and Functions
Pin No.
P-DIP-14-3
Pin No.
P-DSO-20-1
Symbol
Function
1
V
SS
Ground (0 V)
1
V
SSA
Analog ground (0 V)
2
V
SSD
Digital ground (0 V)
3
N.C.
Not connected
2
4
SCL
Serial clock input of I2C-Bus.
3
5
SDA
Serial data input of I2C-Bus.
4
6
CS0
Chip select input determining the I2C-Bus addresses:
20H / 21H, when pulled low
22H / 23H, when pulled high.
5
7
VCS
Video Composite Sync output from sync slicer used for
PLL based clock generation.
8
N.C.
Not connected
6
9
DAVN
Data available output active low, when PDC/VPS data
is received.
7
10
EHB
Output signaling the presence of the first field active
high.
8
11
TI
Test input; activates test mode when pulled high.
connect to ground for operating mode.
9
12
PD1
Phase detector/charge pump output of data PLL
(DAPLL).
13
N.C.
Not connected
10
14
PD2/
VCO2
Connector of the loop filter for the SYSPLL.
11
15
VCO1
Input to the voltage controlled oscillator #1 of the
DAPLL.
12
16
I
REF
Reference current input for the on-chip analog circuit.
13
17
CVBS
Composite video signal input.
18
N.C.
Not connected
14
V
DD
Positive supply voltage (+ 5 V nom.).
19
V
DDD
Positive supply voltage for the digital circuits
(+ 5 V nom.).
20
V
DDA
Positive supply voltage for the analog circuits
(+ 5 V nom.).



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SDA5648Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder 1 2 3 4 5 MoreSiemens Semiconductor Group
TB1227BNVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
STE5588DVD and DVB decoder for video and audio with DVD audio support 1 2 3 STMicroelectronics
TB1229DNVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
IM13400Cyntec IPM is integrated drive protection and system control functions that is designed for high performance 3-phase motor driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TA1270BFPAL/NTSC VIDEO AND CHROMA SYNC PROCESSING SYSTEM FOR PIP/POP/PAP 1 2 3 4 5 MoreToshiba Semiconductor
TB1230ANVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics
BCM7038DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV 1 2 Broadcom Corporation.
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl