Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA5649 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SDA5649
Description  Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5649 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button SDA5649 Datasheet HTML 2Page - Siemens Semiconductor Group SDA5649 Datasheet HTML 3Page - Siemens Semiconductor Group SDA5649 Datasheet HTML 4Page - Siemens Semiconductor Group SDA5649 Datasheet HTML 5Page - Siemens Semiconductor Group SDA5649 Datasheet HTML 6Page - Siemens Semiconductor Group SDA5649 Datasheet HTML 7Page - Siemens Semiconductor Group SDA5649 Datasheet HTML 8Page - Siemens Semiconductor Group SDA5649 Datasheet HTML 9Page - Siemens Semiconductor Group SDA5649 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SDA 5649
SDA 5649X
Semiconductor Group
49
I2C-Bus
General Information
The I2C-Bus interface implemented on the PDC decoder is a slave transmitter/receiver, i.e., both
reading from and writing to the PDC / VPS decoder is possible. The clock line SCL is controlled only
by the bus master usually being a micro controller, whereas the SDA line is controlled either by the
master or by the slave. A data transfer can only be initiated by the bus master when the bus is free,
i.e., both SDA and SCL lines are in a high state. As a general rule for the I2C-Bus, the SDA line
changes state only when the SCL line is low. The only exception to that rule are the Start Condition
and the Stop Condition. Further Details are given below. The following abbreviations are used:
START :
Start Condition generated by master
AS :
Ackknowledge by slave
AM :
Ackknowledge by master
NAM :
No Ackknowledge by master
STOP :
Stop Condition generated by master
Chip Address
There are two pairs of chip addresses, which are selected by the CS0-input pin according to the
following table:
Write Mode
For writing to the PDC decoder, the following format has to be used.
Data Transfer (Write Mode)
Step1: In order to start a data transfer the master generates a Start Condition on the bus by pulling
the SDA line low while the SCL line is held high.
Step 2: The bus master puts the chip address on the SDA line during the next eight SCL pulses.
Step 3: The master releases the SDA line during the ninth clock pulse. Thus the slave can generate
an acknowledge (AS) by pulling the SDA line to a low level.
Step 4: The controller transmits the data byte to set the Control register.
Step 5: The slave acknowledges the reception of the byte.
Step 6: The master concludes the data communication by generating a Stop Condition.
The write mode is used to set the I2C-Bus control register which determines the operating mode:
CS0 Input
Write Mode
Read Mode
Low
20 (hex)
21 (hex)
High
22 (hex)
23 (hex)
START
Chipadress Write Mode
AS
Byte Set Control Register
AS
STOP


Similar Part No. - SDA5649

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
SDA5642-6X SIEMENS-SDA5642-6X Datasheet
684Kb / 27P
   VPS-Decoder
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5648X SIEMENS-SDA5648X Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
More results

Similar Description - SDA5649

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
Zilog, Inc.
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
logo
Siemens Semiconductor G...
SDA5650 SIEMENS-SDA5650 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
logo
Motorola, Inc
MCD212 MOTOROLA-MCD212 Datasheet
872Kb / 87P
   Video Decoder and System Controller(with JTAG)
logo
Toshiba Semiconductor
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
   Multi System Video Decoder IC
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
logo
STMicroelectronics
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com