Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-52-1071 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 09-52-1071
Description  KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

09-52-1071 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  09-52-1071 Datasheet HTML 1Page - Molex Electronics Ltd. 09-52-1071 Datasheet HTML 2Page - Molex Electronics Ltd. 09-52-1071 Datasheet HTML 3Page - Molex Electronics Ltd. 09-52-1071 Datasheet HTML 4Page - Molex Electronics Ltd. 09-52-1071 Datasheet HTML 5Page - Molex Electronics Ltd. 09-52-1071 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KK 156 PCB ASSY
2145 RIGHT ANGLE SERIES
REV:
TITLE:
KK 156 PCB ASSY
2145 RIGHT ANGLE SERIES
SHEET No.
AA
2/2/2012
s
- 3 -
MMSTROH
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-2145-001
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
RAMPS
YES
RAMPS
YES
HOOKS:
YES
HOOKS:
YES
COLOR:
WHITE
COLOR:
WHITE
MOLD VOID:
NONE
MOLD VOID:
NONE
TERM MATL:
BRASS
TERM MATL:
BRASS
CONTACT:
STANDARD
CONTACT:
STANDARD
PC TAIL (C):
.145 / 3.68
PC TAIL (C):
.145 / 3.68
PLT CODE:
197 - TIN
PLT CODE:
P909 – TIN
TERM VOID:
NONE
TERM VOID:
NONE
PACKAGING:
TRAY
PK-2145-001
PACKAGING:
TRAY
PK-2145-001
Ref
A-2145-AANA102
A-2145-AANAP909
Ckt
Material No
Material No
2
09-52-1021
09-52-3021
3
09-52-1031
09-52-3031
4
09-52-1041
09-52-3041
5
09-52-1051
09-52-3051
6
09-52-1061
09-52-3061
7
09-52-1071
09-52-3071
8
09-52-1081
09-52-3081
9
09-52-1091
09-52-3091
10
09-52-1101
09-52-3101
11
09-52-1111
09-52-3111
12
09-52-1121
09-52-3121
13
09-52-1131
09-52-3131
14
09-52-1141
09-52-3141
15
09-52-1151
09-52-3151


Similar Part No. - 09-52-1071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-52-1071 MOLEX1-09-52-1071 Datasheet
178Kb / 8P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Nylon Connector, 5.0關m (200關") Tin (Sn), 2 Circuits
More results

Similar Description - 09-52-1071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-48-1024 MOLEX11-09-48-1024 Datasheet
339Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
022142024 MOLEX-022142024 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
50-29-0035 MOLEX11-50-29-0035 Datasheet
428Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
038001332 MOLEX-038001332 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
09-75-2024 MOLEX11-09-75-2024 Datasheet
80Kb / 1P
   KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK
5274-04A MOLEX-5274-04A Datasheet
79Kb / 1P
   KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
026602020 MOLEX-026602020 Datasheet
287Kb / 6P
   KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com