Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4166-60(102) Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 4166-60(102)
Description  TERMINAL PIN 0.64 / .025 SQ. WIRE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

4166-60(102) Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  4166-60(102) Datasheet HTML 1Page - Molex Electronics Ltd. 4166-60(102) Datasheet HTML 2Page - Molex Electronics Ltd. 4166-60(102) Datasheet HTML 3Page - Molex Electronics Ltd. 4166-60(102) Datasheet HTML 4Page - Molex Electronics Ltd. 4166-60(102) Datasheet HTML 5Page - Molex Electronics Ltd. 4166-60(102) Datasheet HTML 6Page - Molex Electronics Ltd. 4166-60(102) Datasheet HTML 7Page - Molex Electronics Ltd. 4166-60(102) Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4166
REV:
SHEET No.
SEE SHEET 1
AJ
TITLE:
KK .025 SQ PIN
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 4166-001
SCHAFER
SAMIEC
MARGULIS
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PART NO:
ENG NO:
PART NO:
ENG NO:
4166-1(518)
4166-33(518)
4166-2(518)
4166-34(518)
4166-3(518)
4166-35(518)
4166-4(518)
4166-38(518)
08-58-0626
4166-5(518)
4166-39(518)
08-58-0627
4166-7(518)
4166-41(518)
4166-8(518)
4166-42(518)
4166-9(518)
4166-43(518)
4166-10(518)
4166-46(518)
4166-11(518)
4166-47(518)
4166-12(518)
4166-58(518)
4166-15(518)
4166-60(518)
08-58-0637
4166-17(518)
4166-64(518)
4166-18(518)
4166-65(518)
4166-20(518)
4166-66(518)
4166-22(518)
4166-67(518)
08-58-0645
4166-25(518)
4166-68(518)
4166-27(518)
4166-69(518)
4166-30(518)
4166-74(518)
4166-31(518)
PART NO:
ENG NO:
PART NO:
ENG NO:
4166-1(516)
08-58-0653
4166-33(516)
4166-2(516)
4166-34(516)
4166-3(516)
08-58-0682
4166-35(516)
4166-4(516)
4166-38(516)
08-58-0655
4166-5(516)
4166-39(516)
4166-7(516)
4166-41(516)
4166-8(516)
4166-42(516)
4166-9(516)
4166-43(516)
4166-10(516)
4166-46(516)
4166-11(516)
4166-47(516)
4166-12(516)
4166-58(516)
4166-15(516)
4166-60(516)
4166-17(516)
4166-64(516)
4166-18(516)
4166-65(516)
4166-20(516)
4166-66(516)
4166-22(516)
4166-67(516)
4166-25(516)
4166-68(516)
4166-27(516)
4166-69(516)
08-58-0654
4166-30(516)
4166-74(516)
4166-31(516)


Similar Part No. - 4166-60(102)

ManufacturerPart #DatasheetDescription
logo
Heyco.
4166 HEYCO-4166 Datasheet
121Kb / 1P
   Lockit™ Loops
logo
Molex Electronics Ltd.
41661 MOLEX-41661 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
41661-0001 MOLEX5-41661-0001 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits
41661-0001 MOLEX11-41661-0001 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0002 MOLEX5-41661-0002 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits
More results

Similar Description - 4166-60(102)

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
038007222 MOLEX-038007222 Datasheet
266Kb / 4P
   WAFER, FRICTION LOCK KK (2.54)/.100 FOR (0.64)/.025 SQ. PINS
2005/03/11
logo
Tyco Electronics
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
logo
Japan Aviation Electron...
MX57A JAE-MX57A Datasheet
924Kb / 6P
   0.64 (025) Non-waterproof SRS Connector
logo
Samtec, Inc
TSM-125-01-S-DV SAMTEC-TSM-125-01-S-DV Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
TSM-105-01-T-DV-P-TR SAMTEC-TSM-105-01-T-DV-P-TR Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
ZW-01-09-L-S-545-090 SAMTEC-ZW-01-09-L-S-545-090 Datasheet
164Kb / 1P
   FLEXIBLE .025 SQ BOARD STACKERS
ZW-05-13-G-S-370-430 SAMTEC-ZW-05-13-G-S-370-430 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-25-10-F-D-551-144 SAMTEC-ZW-25-10-F-D-551-144 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
logo
Tyco Electronics
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
logo
Samtec, Inc
TSM-105-01-F-DV SAMTEC-TSM-105-01-F-DV Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com