Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-52-2038 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 09-52-2038
Description  KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

09-52-2038 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  09-52-2038 Datasheet HTML 1Page - Molex Electronics Ltd. 09-52-2038 Datasheet HTML 2Page - Molex Electronics Ltd. 09-52-2038 Datasheet HTML 3Page - Molex Electronics Ltd. 09-52-2038 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KK 156 PCB ASSY 2-15 CKT
2145 BOTTOM ENTRY SERIES
REV:
CHANGE PLATING
TITLE:
KK 156 PCB ASSY
2145 BOTTOM ENTRY SERIES
SHEET No.
Z
UCP2012-1821
- 2 -
1/04/2012 MMSTROH
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-2145-003
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
RAMPS
YES
RAMPS
YES
HOOKS:
YES
HOOKS:
YES
COLOR:
WHITE
COLOR:
WHITE
MOLD VOID:
NONE
MOLD VOID:
NONE
TERM MATL:
PHOS BRONZE
TERM MATL:
PHOS BRONZE
CONTACT:
STANDARD
CONTACT:
STANDARD
PC TAIL (C):
.160 / 4.06
PC TAIL (C):
.160 / 4.06
PLT CODE:
197 – TIN
PLT CODE:
208 – 15 GOLD
TERM VOID:
NONE
TERM VOID:
NONE
PACKAGING:
TRAY
PK-2145-001
PACKAGING:
TRAY
PK-2145-001
Ref
A-2145-BANL102
A-2145-BANL208
Ckt
Material No
Material No
2
09-62-6024
09-62-4028
3
09-62-6034
09-62-4038
4
09-62-6044
09-62-4048
5
09-62-6054
09-62-4058
6
09-62-6064
09-62-4068
7
09-62-6074
09-62-4078
8
09-62-6084
09-62-4088
9
09-62-6094
09-62-4098
10
09-62-6104
09-62-4108
11
09-62-6114
09-62-4118
12
09-62-6124
09-62-4128
13
09-62-6134
09-62-4138
14
09-62-6144
09-62-4148
15
09-62-6154
09-62-4158


Similar Part No. - 09-52-2038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-52-2039 MOLEX11-09-52-2039 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-52-2039 MOLEX1-09-52-2039 Datasheet
137Kb / 6P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Top Entry, Nylon Connector, 5.0關m (200關") Tin (Sn), 2 Circuits
More results

Similar Description - 09-52-2038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
0026116155 MOLEX3-0026116155 Datasheet
226Kb / 4P
   3.96mm (.156") Pitch KK PC Board Connector, Bottom Entry, Nylon Connector
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-48-1024 MOLEX11-09-48-1024 Datasheet
339Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
022142024 MOLEX-022142024 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
50-29-0035 MOLEX11-50-29-0035 Datasheet
428Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
038001332 MOLEX-038001332 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
logo
Tyco Electronics
2-1102291-1 MACOM-2-1102291-1 Datasheet
497Kb / 1P
   Surface mounted bottom entry assy HB.24
logo
Molex Electronics Ltd.
026602020 MOLEX-026602020 Datasheet
287Kb / 6P
   KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com