Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARF1807-ND Datasheet(PDF) 4 Page - Amphenol Corporation

Part # ARF1807-ND
Description  Bayonet coupling mechanism provides quick
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ARF1807-ND Datasheet(HTML) 4 Page - Amphenol Corporation

  ARF1807-ND Datasheet HTML 1Page - Amphenol Corporation ARF1807-ND Datasheet HTML 2Page - Amphenol Corporation ARF1807-ND Datasheet HTML 3Page - Amphenol Corporation ARF1807-ND Datasheet HTML 4Page - Amphenol Corporation ARF1807-ND Datasheet HTML 5Page - Amphenol Corporation ARF1807-ND Datasheet HTML 6Page - Amphenol Corporation ARF1807-ND Datasheet HTML 7Page - Amphenol Corporation ARF1807-ND Datasheet HTML 8Page - Amphenol Corporation ARF1807-ND Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
BNC 50 ohm
Amphenol
®
3-Piece Cable Crimp Plugs
108
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
* recognized under the component program of U.L., Inc.
• accommodates cable diameter
✰ see Fig. 1 and table on page 109. v distributor stocked
s includes outer ferrule † features preinstalled center contact
Fig. 1
Fig. 2
31-351
31-359
31-371
BNC 3-PIECE CRIMP CABLE PLUGS
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
BNC 3-Piece Crimp Plugs
BNC Crimp Plugs
b
c•
a s
Cable
Cable Attachment
Dimensions, inches (millimeters)
Notes
Military
Amphenol
Fig.
RG-/U
Outer
Inner
a s
b
c •
CAI
Plt.
Ins.
Number
Number
6 TYPE (.314 OD)
Crimp
Crimp
1.17(29.7)
.571(14.5)
.314(8.0)
C26
P7
D23
31-5558-RFX
1
55, 142, 223, 400
Crimp
Crimp
1.27(32.1)
.563(14.3)
.220(5.59)
C26
P15
D1
36875*
1
Crimp
Crimp
1.20(30.5)
.563(14.3)
.220(5.59)
C26
P15
D1
M23329/3-02,3-04
31-326*
1
Crimp
Crimp
1.11(28.2)
.563(14.3)
.220(5.59)
C26
P7
D26
31-326-RFX
1
58
Crimp
Press Fit
1.31(33.3)
.571(14.5)
.212(5.4)
C7R
P7
D23
31-5557-RFX†1
58, 141
Crimp
Crimp
1.11(28.2)
.563(14.3)
C26
P15
D26
31-5800
Crimp
Crimp
1.11(28.2)
.562(14.3)
.206(5.2)
C26
P15
D1
M23329/3-01,3-03
31-320*
1
Crimp
Crimp
1.17(29.8)
.571(14.5)
.210(5.3)
C26
P7
D26
31-320-RFX
1
Crimp
Solder
1.47(37.3)
.562(14.3)
.206(5.2)
C26b
P15
D1
31-351*
2
Crimp
Crimp
1.09(27.8)
.563(14.3)
.206(5.23)
C26
P33
D1
M39012/16-0013
31-4320*
1
Plenum 58
Crimp
Crimp
1.28(32.6)
.571(14.5)
.181(4.6)
C26
P7
D26
36650-3RFX
1
59 (20 AWG Ctr. Contact)
Crimp
Press Fit
1.31(33.3)
.571(14.5)
.260(6.6)
C7R
P7
D23
31-5556-RFX†1
59, 62, 140, 210, 302
Crimp
Crimp
1.11(28.2)
.563(14.3)
C26
P15
D26
31-5900
59
Crimp
Crimp
1.12(28.5)
.562(14.3)
.261(6.6)
C26
P15
D1
M23329/3-05
31-321*
1
Crimp
Crimp
1.17(29.8)
.571(14.5)
.260(6.6)
C26
P7
D26
31-321-RFX
1
Crimp
Solder
1.47(37.3)
.563(14.3)
.261(6.6)
C26b
P15
D1
31-359*
2
59
Crimp
Crimp
1.12(28.5)
.562(14.3)
.261(6.6)
C26
P33
D1
M39012/16-0015
31-4321
1
(20 AWG Ctr. Cond.)
Crimp
Crimp
1.11(28.2)
.562(14.3)
.261(6.6)
C26
P15
D1
68175-1005
1
Crimp
Crimp
1.17(29.8)
.571(14.5)
.260(6.6)
C26
P7
D26
68175-5RFX
1
142, 400
Crimp
Crimp
1.11(28.2)
.563(14.3)
.220(5.6)
C26
P33
D1
M39012/16-0503
31-4427*
1
Plenum 59, 62
Crimp
Crimp
1.28(32.6)
.571(14.5)
.212(5.4)
C26
P7
D26
68175-11RFX
1
Crimp
Press Fit
1.31(33.3)
.571(14.5)
.212(5.4)
C7R
P7
D23
31-5560-RFX†1
174, 179, 187, 188, 316
Crimp
Solder
1.34(34.1)
.563(14.3)
.128(3.25)
C26b
P15
D9
31-371*
2
174, 188, 316
Crimp
Crimp
1.19(30.2)
.562(14.3)
.125(3.2)
C26
P15
D1
31-315
Crimp
Crimp
1.19(30.2)
.571(14.5)
.106(2.7)
C26
P7
D23
31-315-RFX
1
179, 187
Crimp
Crimp
1.19(30.2)
.562(14.3)
.117(3.0)
C26
P15
D1
31-242*
1
Crimp
Crimp
1.19.(30.2)
.571(14.5)
.106(2.7)
C26
P7
D23
31-242-RFX
1
Dbl. Br. RG-316
Crimp
Crimp
1.11(28.2)
.562(14.3)
.135(3.4)
C26
P16
D1
31-315-1005
1
Belden 8213
Crimp
Crimp
1.59(40.5)
.562(14.3)
.418(10.6)
C26
P17
D1
31-4411
1
Belden 8218
Crimp
Crimp
1.11(28.2)
.562(14.3)
.175(4.4)
C26
P15
D1
31-325*
1
Belden 8281, 88281
Crimp
Crimp
1.21(30.7)
.562(14.3)
.342(8.7)
C26
P15
D1
31-321-1000*
1
Crimp
Crimp
1.17(29.8)
.571(14.5)
.334(8.5)
C26
P7
D26
31-321-10RFX
1
Belden 9259
Crimp
Crimp
1.11(28.2)
.562(14.3)
.261(6.6)
C26
P15
D1
68175-1003
1
Belden 9907, 89907
Crimp
Crimp
1.11(28.2)
.562(14.3)
.196(5.0)
C26
P15
D1
31-320-1006
1
Belden 1560A, 82259,
Crimp
Crimp
1.11(28.2)
.563(14.3)
.220(5.6)
C26
P15
D1
68175-1011
1
89259, Plenum 59, 62
Belden 82907, 88240,
Crimp
Crimp
1.11(28.2)
.563(14.3)
.175(4.4)
C26
P15
D1
36650-1003
1
89907, Plenum 58
Plenum 58
Crimp
Press Fit
1.28(32.6)
.571(14.5)
.181(4.6)
C26
P7
D26
36650-3RFX
1
Plenum 58
Crimp
Press Fit
1.03(25.0)
.563(14.3)
.213(4.6)
C26
P7
D28
31-5559-1RFX
1
Plenum 58
Crimp
Press Fit
1.03(25.0)
.563(14.3)
.26(4.6)
C7R
P7
D23
31-5556-1RFX
1
b
a s
c•
36650-1003
36650-3RFX
36875
68175-1003
68175-1005
68175-1011
68175-11RFX
68175-5RFX
31-242
31-242-RFX
31-315
31-315-1005
31-315-RFX
31-320
31-320-1006
31-320-RFX
31-321
31-321-1000
31-321-RFX
31-321-10RFX
31-325
31-326
31-326-RFX
31-4320
31-4321
31-4411
31-4427
31-5556-RFX
31-5557-RFX
31-5558-RFX
31-5560-RFX
31-5559-RFX
31-5559-1RFX
31-5556-1RFX


Similar Part No. - ARF1807-ND

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ARF1818 AMPHENOL-ARF1818 Datasheet
4Mb / 16P
   BNC Connectors
ARF1828 AMPHENOL-ARF1828 Datasheet
105Kb / 1P
   BODY - BRASS, NICKEL PLATING
ARF1835 AMPHENOL-ARF1835 Datasheet
54Kb / 1P
   TNC CAP WITH CHAIN
ARF1871 AMPHENOL-ARF1871 Datasheet
4Mb / 16P
   BNC Connectors
ARF1871-ND AMPHENOL-ARF1871-ND Datasheet
4Mb / 16P
   BNC Connectors
More results

Similar Description - ARF1807-ND

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
   Bayonet coupling mechanism provides quick mating and unmating
JBXFD1G05MCSDSR ETC2-JBXFD1G05MCSDSR Datasheet
1Mb / 4P
   High reliability where quick, simple coupling mechanism is required
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3100A14S-29SW-BSN-F DDK-DCA3100A14S-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
logo
Festo Corporation.
8154713 FESTO-8154713 Datasheet
65Kb / 1P
   Quick coupling
7/21/22
1453062 FESTO-1453062 Datasheet
91Kb / 1P
   Quick coupling
5063745 FESTO-5063745 Datasheet
76Kb / 1P
   Quick coupling
5200241 FESTO-5200241 Datasheet
79Kb / 1P
   Quick coupling
557998 FESTO-557998 Datasheet
84Kb / 1P
   Quick coupling
5200227 FESTO-5200227 Datasheet
78Kb / 1P
   Quick coupling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com