Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC829LP6GE Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC829LP6GE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC829LP6GE Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC829LP6GE_12 Datasheet HTML 3Page - Hittite Microwave Corporation HMC829LP6GE_12 Datasheet HTML 4Page - Hittite Microwave Corporation HMC829LP6GE_12 Datasheet HTML 5Page - Hittite Microwave Corporation HMC829LP6GE_12 Datasheet HTML 6Page - Hittite Microwave Corporation HMC829LP6GE_12 Datasheet HTML 7Page - Hittite Microwave Corporation HMC829LP6GE_12 Datasheet HTML 8Page - Hittite Microwave Corporation HMC829LP6GE_12 Datasheet HTML 9Page - Hittite Microwave Corporation HMC829LP6GE_12 Datasheet HTML 10Page - Hittite Microwave Corporation HMC829LP6GE_12 Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC829LP6GE
v01.0911
FRACTIONAL-N PLL WITH INTEGRATED VCO
45 - 1050, 1400 - 2100, 2800 - 4200 MHz
Figure 14. Integer Boundary Spur at
3600.2 MHz[4]
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET (Hz)
Figure 13. Reference Input Sensitivity
Sinusoid Wave, 50 Ω[3]
-235
-230
-225
-220
-215
-210
-205
-200
-20
-15
-10
-5
0
5
REFERENCE POWER (dBm)
14 MHz
25 MHz
50 MHz
100 MHz
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET (Hz)
[3] Measured from a 50 Ω source with a 100 Ω external resistor termination. see PLL with integrated rF vcos operating guide reference input stage
section for more details. Full FoM performance up to maximum 3.3 vpp input voltage.
[4] Fractional Mode Mode B, integer Boundary spur at 3600.2 Mhz, Loop Filter bandwidth 130 khz, reF in 100 Mhz, 50 Mhz Pd
[5] reF in 100 Mhz, 50 Mhz Pd, output divider 4 selected, Loop Filter bandwidth 130 khz, channel spacing 100 khz
[6] exact Frequency Mode, reF in 100 Mhz, 50 Mhz Pd, output divider 2 selected, Loop Filter bandwidth = 130 khz, channel spacing = 100 khz
[7] exact Frequency Mode, channel spacing 100 khz, rF out = 3951 Mhz, reF in 100 Mhz, 50 Mhz Pd, output divider 1 selected, Loop Filter
bandwidth 130 khz,
[8] Fractional Mode B, rF out 3591 Mhz, reF in 100 Mhz, 50 Mhz Pd, output divider 1 selected, Loop Filter bandwidth 130 khz.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET (Hz)
Figure 15. Integer-N, Exact Frequency
Mode ON, Performance at 900 MHz[5]
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET (Hz)
Figure 16. Fractional-N, Exact Frequency
Mode ON, Performance at 1813.5 MHz[6]
Figure 17. Fractional-N, Exact Frequency
Mode ON, Performance at 3591 MHz[7]
Figure 18. Fractional-N, Exact Frequency
Mode OFF, Performance at 3591 MHz[8]


Similar Part No. - HMC829LP6GE_12

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC829LP6GE_1109 HITTITE-HMC829LP6GE_1109 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
More results

Similar Description - HMC829LP6GE_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC840LP6CE AD-HMC840LP6CE Datasheet
783Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com