Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41695-N-A4 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 41695-N-A4
Description  (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

41695-N-A4 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  41695-N-A4 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
09-50-8020
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 3.96mm Crimp Terminal Housing, 2 Circuits
Documents:
3D Model
Packaging Specification PK-41695-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-08-50 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
41695
Application
Power, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
800754227568
Physical
Breakaway
No
Circuits (maximum)
2
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Resin
Polyester
Net Weight
0.667/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Temperature Range - Operating
See Product Specification
Material Info
Old Part Number
41695-N-A02
Reference - Drawing Numbers
Packaging Specification
PK-41695-001
Product Specification
PS-08-50
Sales Drawing
SD-41695
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41695Series
Mates With
KK® 396 Header 41791 , 41792 , 41671 ,
41672 , 41661 , 41662
Use With
KK® 396 Crimp Terminals, 2478 , 2578 ,
6838 , 7258 , 45570
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 41695-N-A4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41695-N-A02 MOLEX11-41695-N-A02 Datasheet
38Kb / 1P
   KK 3.96mm Crimp Terminal Housing, 2 Circuits
41695-N-A03 MOLEX11-41695-N-A03 Datasheet
38Kb / 1P
   KK 3.96mm Crimp Terminal Housing, 3 Circuits
41695-N-A04 MOLEX1-41695-N-A04 Datasheet
298Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 4 Circuits
41695-N-A04 MOLEX11-41695-N-A04 Datasheet
38Kb / 1P
   KK 3.96mm Crimp Terminal Housing, 4 Circuits
41695-N-A05 MOLEX1-41695-N-A05 Datasheet
298Kb / 3P
    3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 5 Circuits
More results

Similar Description - 41695-N-A4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
022012045_SD MOLEX-022012045_SD Datasheet
155Kb / 2P
   KK 2.54MM CRIMP TERMINAL HOUSING
2006/02/27
08-50-0107 MOLEX11-08-50-0107 Datasheet
184Kb / 2P
   CRIMP TERMINAL (3.96)/.156 CENTERS 22 TO 26 GA WIRE
ATS-638117400 MOLEX-ATS-638117400 Datasheet
322Kb / 7P
   Hand Crimp Tool for 3.96mm (.156) Pitch KK® Crimp Terminal
04-08-08
logo
Adam Technologies, Inc.
MTDA07B1 ADAM-TECH-MTDA07B1 Datasheet
114Kb / 1P
   HOUSING WITH IDC CONTACT .100 & .156 CENTERLINE
logo
Molex Electronics Ltd.
0026033211 MOLEX3-0026033211 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 21 Circuits
0026033071 MOLEX3-0026033071 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 7 Circuits
0026033121 MOLEX3-0026033121 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 12 Circuits
0026033201 MOLEX3-0026033201 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 20 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com