Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31-220N-75RFX Datasheet(PDF) 10 Page - Amphenol Corporation

Part # 31-220N-75RFX
Description  Bayonet coupling mechanism provides quick
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-220N-75RFX Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button 31-220N-75RFX Datasheet HTML 6Page - Amphenol Corporation 31-220N-75RFX Datasheet HTML 7Page - Amphenol Corporation 31-220N-75RFX Datasheet HTML 8Page - Amphenol Corporation 31-220N-75RFX Datasheet HTML 9Page - Amphenol Corporation 31-220N-75RFX Datasheet HTML 10Page - Amphenol Corporation 31-220N-75RFX Datasheet HTML 11Page - Amphenol Corporation 31-220N-75RFX Datasheet HTML 12Page - Amphenol Corporation 31-220N-75RFX Datasheet HTML 13Page - Amphenol Corporation 31-220N-75RFX Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
BNC 50 ohm
Amphenol
®
Receptacles
114
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Description
Terminal
Dimensions, inches (millimeters)
Notes
Mtg.
Military
Amphenol
Fig.
Type
a
b
c
Plt.
Ins.
Hole
Number
Number
Panel Receptacle 4 hole Square Flange
Solder Cup
1.06(27.0)
.687(17.5)
.719(18.3)
P1
D1
L
UG-290A/U
31-203
No. 3-56 Tapped Flange Holes
Panel Receptacle 4 hole Square Flange
Solder Cup
1.06(27.0)
.687(17.5)
.719(18.3)
P7
D23
L
31-203-RFX
.125” Dia. Flange Holes
Panel Receptacle 4 hole Square Flange
Solder Cup
1.03(26.2)
.687(17.5)
.719(18.3)
P1
D6
L
31-105*
1
.120" Dia. Flange Holes, Styrene Ins.
Panel Receptacle 4 hole Square Flange
Turret
1.08(27.4)
.750(19.1)
.609(15.5)
P1
D6
N
UG-185/U
4500*
.136" Dia. Flange Holes, Styrene Ins.
Angle, External Tooth Lockwasher
Solder Cup
.906(23.0)
.594(15.1)
.625(15.8)
P1
D1
V
UG-1098/U 31-222* ❏
2
Angle Panel Receptacle 4 hole Flange
Solder Cup
.928(23.6)
.642(16.3)
.642(16.3)
P1
D1
N
UG-535/U
5675*
3
.136"(3.5mm) Diameter Holes
Fig. 1
Fig. 2
Fig. 3
BNC Panel Receptacles
4 hole Square Flange, Rear or Front Mount
4500
31-105
31-203
31-203-RFX
BNC Angle Bulkhead Receptacle
31-222
BNC Angle Panel Receptacle
5675
BNC PANEL AND ANGLE BULKHEAD RECEPTACLES
* recognized under the component program of U.L., Inc.
v distributor stocked
❏ IBM 01620666
v
v
a
c
.187(4.8)
max panel
b square
.090 thick
(2.3)
1.28(32.5)
c
.156(4.0) max panel
a
.406(10.3)
.363(9.2)
V
.500(12.7)
.125(3.2)
dia. 4 holes
.453(11.5)
L
.531 (13.5)
.140 (3.56)
dia. 4 holes
.453 (11.5)
N
b
.531 (13.5)
.140 (3.56)
dia. 4 holes
.375 (9.5)
b square
c
a
N


Similar Part No. - 31-220N-75RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-221 AMPHENOL-31-221 Datasheet
533Kb / 1P
   BNC 50 ohm Bulkhead Receptacles
31-221-75RFX AMPHENOL-31-221-75RFX Datasheet
66Kb / 1P
   BNC 75 ohm Jacks & Receptacles
31-221-RFX AMPHENOL-31-221-RFX Datasheet
533Kb / 1P
   BNC 50 ohm Bulkhead Receptacles
31-2221 AMPHENOL-31-2221 Datasheet
533Kb / 1P
   BNC 50 ohm Bulkhead Receptacles
31-2225 AMPHENOL-31-2225 Datasheet
166Kb / 1P
   Twin BNC
More results

Similar Description - 31-220N-75RFX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
   Bayonet coupling mechanism provides quick mating and unmating
JBXFD1G05MCSDSR ETC2-JBXFD1G05MCSDSR Datasheet
1Mb / 4P
   High reliability where quick, simple coupling mechanism is required
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3100A14S-29SW-BSN-F DDK-DCA3100A14S-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
logo
Festo Corporation.
8154713 FESTO-8154713 Datasheet
65Kb / 1P
   Quick coupling
7/21/22
1453062 FESTO-1453062 Datasheet
91Kb / 1P
   Quick coupling
5063745 FESTO-5063745 Datasheet
76Kb / 1P
   Quick coupling
5200241 FESTO-5200241 Datasheet
79Kb / 1P
   Quick coupling
557998 FESTO-557998 Datasheet
84Kb / 1P
   Quick coupling
5200227 FESTO-5200227 Datasheet
78Kb / 1P
   Quick coupling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com