Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1032LP6GE Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC1032LP6GE
Description  Clock Generator with Fractional-N PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1032LP6GE Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC1032LP6GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 8Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 9Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 10Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 11Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
HMC1032LP6GE
v00.1111
CloCk Generator with FraCtional-n Pll
& inteGrated VCo, 125 - 350 Mhz
Pin descriptions
Pin number
Function
Description
1
AVDD
DC Power supply for analog circuitry.
2, 5, 6, 8, 9,
11 - 14, 18 - 22, 24,
26, 34, 37, 38
n/C
the pins are not connected internally; however, all data shown herein
was measured with these pins connected to rF/DC ground externally.
3
VPPCP
Power supply for charge pump analog section
4
CP
Charge Pump output
7
VDDls
Power supply for the charge pump digital section
10
rVDD
reference supply
15
XreFP
reference oscillator Input
16
DVDD3V
DC Power supply for Digital (CMos) Circuitry
17
Cen
Chip enable. Connect to logic high for normal operation.
23
VtUne
VCo Varactor. tuning Port Input.
25
VCC2
VCo Analog supply 2
27
VCC1
VCo Analog supply 1
28
rF_n
Positive output signal (Differential)
29
rF_P
negative output signal (Differential)
30
sen
Pll serial Port enable (CMos) logic Input
31
sDI
Pll serial Port Data (CMos) logic Input
32
sCk
Pll serial Port Clock (CMos) logic Input
33
lD_sDo
lock Detect, or serial Data, or General Purpose (CMos) logic output (GPo)
35
VCCHF
DC Power supply for Analog Circuitry
36
VCCPs
DC Power supply for Analog Prescaler
39
VCCPD
DC Power supply for Phase Detector
40
BIAs
external bypass decoupling for precision bias circuits.
note: 1.920V ±20mV reference voltage (BIAs) is generated internally and cannot
drive an external load. Must be measured with 10GΩ meter such as Agilent 34410A,
normal 10MΩ DVM will read erroneously.


Similar Part No. - HMC1032LP6GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1032LP6GE AD-HMC1032LP6GE Datasheet
1Mb / 12P
   CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
More results

Similar Description - HMC1032LP6GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1034LP6GE HITTITE-HMC1034LP6GE Datasheet
1Mb / 14P
   Clock Generator with Fractional-N PLL
logo
Analog Devices
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
   CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC1032LP6GE AD-HMC1032LP6GE Datasheet
1Mb / 12P
   CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
logo
Hittite Microwave Corpo...
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
HMC769LP6CE HITTITE-HMC769LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Maxim Integrated Produc...
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com