Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A101T2PDZQ0Q Datasheet(PDF) 3 Page - Tyco Electronics

Part # A101T2PDZQ0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A101T2PDZQ0Q Datasheet(HTML) 3 Page - Tyco Electronics

  A101T2PDZQ0Q Datasheet HTML 1Page - Tyco Electronics A101T2PDZQ0Q Datasheet HTML 2Page - Tyco Electronics A101T2PDZQ0Q Datasheet HTML 3Page - Tyco Electronics A101T2PDZQ0Q Datasheet HTML 4Page - Tyco Electronics A101T2PDZQ0Q Datasheet HTML 5Page - Tyco Electronics A101T2PDZQ0Q Datasheet HTML 6Page - Tyco Electronics A101T2PDZQ0Q Datasheet HTML 7Page - Tyco Electronics A101T2PDZQ0Q Datasheet HTML 8Page - Tyco Electronics A101T2PDZQ0Q Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
C24
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Options
.250
(6.35)
.050
(1.27)
Epoxy
Seal
.189
(4.80)
6
5
4
3
2
1
3
2
1
.073
(1.85)
Dia.
Typ.
.185
(4.70)
.073
(1.85)
Dia.
Typ.
.185
(4.70)
.190
(4.83)
TERMINALS
Z
Wire Lug
H
1/4-40 Thread
Flanged, .30“ long
BUSHINGS
Y
1/4-40 Thread
.35“ long, slotted
(Standard)
D9
Unthreaded
.28“ long
D
1/4-40 Thread
.28“ long, slotted
C W
Threaded
Splashproof
.280
(7.11)
.028
(.711)
1/4-40NS
.314
(7.98)
Dia.
.040
(1.02)
.300
(7.62)
1/4-40NS
.060
(1.52)
.315
(8.00)
Dia.
.225
(5.72)
Dia.
.280
(7.11)
.028
(.711)
1/4-40NS
.314
(7.98)
Dia.
.040
(1.02)
.080
(2.03)
.078
(1.98)
.155
(3.94)
Epoxy
Seal
.078
(1.98)
.047
(1.19)
Mates with Tyco
61454 or 60900.
Z3
Quick Connect
W
Wire Wrap
"A"
.050
(1.27)
Epoxy
Seal
C
Printed Circuit
.280
(7.10)
.028
(.711)
.250
(6.35)
Dia.
.040
(1.02)
.294
(7.47)
1/4-40NS
O-Ring
.225
(5.72)
.465
(11.81)
.060
(1.52)
.030
(.762)
.250
(6.35)
.062
(1.57)
Epoxy
Seal
.280
(7.11)
.028
(.711)
.205
(5.21)
.250
(6.35)
DIA.
.040
(1.02)
Used with
Z, C & W
terminations
Used with
A, AV2, V30
V80 & V90
terminations
For S & M Toggles
Single pole
Double pole
.750


Similar Part No. - A101T2PDZQ0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A101 MACOM-A101 Datasheet
89Kb / 1P
   5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER
A101 MACOM-A101 Datasheet
408Kb / 2P
   Cascadable Amplifier 5 to 100 MHz
logo
M/A-COM Technology Solu...
A101 MA-COM-A101 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 100 MHz
A101-SMA101 MA-COM-A101-SMA101 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Actel Corporation
A1010 ACTEL-A1010 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A101T2PDZQ0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com