Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC988LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC988LP3E
Description  PROGRAMMABLE CLOCK DIVIDER AND DELAY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC988LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC988LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC988LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC988LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC988LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC988LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC988LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC988LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC988LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC988LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC988LP3E
v01.0512
PROGRAMMABLE CLOCK DIVIDER AND DELAY
DC - 4 GHz
Table 1. Electrical Specifications
unless otherwise specified: t = +25 °C. Current consumptions assumes fine adjustable delay is disabled. Phase
noise degrades approximately 15 db if using fine delay adjustment.
Parameter
Conditions
Min
typ.
Max
units
input Frequency range
DC
4
GHz
output Frequency range
DC
4
GHz
Divide ratios
1/2/4/8/16/32
Maximum Fine Delay Adjust Frequency
DC
1
GHz
VDD
with on-chip regulator
+3.7
+4.5
+5.5
V
VDD
bypass on-chip regulator
+3.1
+3.3
+3.5
V
input swing (lVPECl or ACc)
+2
Vpp
output swing (lVPECl)
+1.8 (single-ended)
Vpp
+1.2 (diffiential)
Vppd
rise/Fall time (lVPECl out)
20%/80%
90
ps
input Commom Mode DC bias
+1.6
+2
+2.5
V
output Common Mode Voltage
+2
V
Phase noise (100 MHz)
[1]
@ 100 MHz out
@ 500 MHz out
@ 1 GHz out
@ 2 GHz out
-170
-168
-166
-164
dbc/Hz
Jitter Density
[2]
@ 100 MHz out
@ 500 MHz out
@ 1 GHz out
@ 2 GHz out
7.12
1.8
1.13
2.84
asec/√Hz
integrated Jitter
[3]
@ 100 MHz out
@ 500 MHz out
[4]
@ 1 GHz out
[4]
@ 2 GHz out
[4]
35
9
5
13
fsec
FoM (Figure of Merit)
-254
dbc/Hz
Coarse Delay Adjustment range
1/2 to ∞ *t
inPut
input
Cycles
Fine Delay Adjustment range
60 steps of ~ 20 ps
300
1500
ps
Fine Delay Adjjustment resolution
20
ps
Fine Delay Adjustment step Count
60
Psrr
[5]
With regulator
AM
-70
-80
dbc
PM
-80
-92
dbc
bypass regulator
AM
-40
-50
dbc
PM
-50
-70
dbc
Current Consumption
stand-by Current - Chip Disabled
using regulator case
0.7
mA
bypass regulator case
0.01
mA
Mininum Current
[6]
68
mA
Additive Divider
16
21
mA
Delay line Current
12
44
mA


Similar Part No. - HMC988LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC988LP3E AD-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
More results

Similar Description - HMC988LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC988LP3E AD-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
PhaseLink Corporation
PLL102-108 PLL-PLL102-108 Datasheet
165Kb / 10P
   Programmable DDR Zero Delay Clock Driver
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com