Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-62-6135 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 09-62-6135
Description  KK 156 HOUSING ASSY PC TAIL TOP ENTRY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

09-62-6135 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  09-62-6135 Datasheet HTML 1Page - Molex Electronics Ltd. 09-62-6135 Datasheet HTML 2Page - Molex Electronics Ltd. 09-62-6135 Datasheet HTML 3Page - Molex Electronics Ltd. 09-62-6135 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KK 156 PCB ASSY 2-15 CKT
2145 TOP ENTRY SERIES
REV:
CHANGE PLATING
TITLE:
KK 156 PCB ASSY
2145 TOP ENTRY SERIES
SHEET No.
Z
UCP2012-1821
- 3 -
01/04/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-2145-002
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
RAMPS
YES
RAMPS
YES
RAMPS
YES
RAMPS
YES
HOOKS:
YES
HOOKS:
YES
HOOKS:
CUT OFF
HOOKS:
YES
COLOR:
WHITE
COLOR:
WHITE
COLOR:
WHITE
COLOR:
WHITE
MOLD VOID:
NONE
MOLD VOID:
NONE
MOLD VOID:
NONE
MOLD VOID:
NONE
TERM MATL:
BRASS
TERM MATL:
BRASS
TERM MATL:
BRASS
TERM MATL:
BRASS
CONTACT:
STANDARD
CONTACT:
STANDARD
CONTACT:
STANDARD
CONTACT:
STANDARD
PC TAIL (C):
.120 / 3.05
PC TAIL (C):
.189 / 4.80
PC TAIL (C):
.120 / 3.05
PC TAIL (C):
.120 / 3.05
PLT CODE:
197 – TIN
PLT CODE:
P909 – TIN
PLT CODE:
P909 – TIN
PLT CODE:
P909 – TIN
TERM VOID:
NONE
TERM VOID:
NONE
TERM VOID:
NONE
TERM VOID:
NONE
PACKAGING:
TRAY
PK-2145-001
PACKAGING:
TRAY
PK-2145-001
PACKAGING:
TRAY
PK-2145-001
PACKAGING:
TRAY
PK-2145-001
Ref
A-2145-CANA102
A-2145-CANCP909
A-2145-FANAP909
A-2145-CANAP909
Ckt
Material No
Material No
Material No
Material No
2
09-52-1023
09-52-1029
09-52-3023
3
09-52-1033
09-52-1039
09-52-3034
09-52-3033
4
09-52-1043
09-52-1049
09-52-3044
09-52-3043
5
09-52-1053
09-52-1059
09-52-3054
09-52-3053
6
09-52-1063
09-52-1069
09-52-3064
09-52-3063
7
09-52-1073
09-52-1079
09-52-3073
8
09-52-1083
09-52-1089
09-52-3089
09-52-3083
9
09-52-1093
09-52-1099
09-52-3094
09-52-3093
10
09-52-1103
09-52-1109
09-52-3103
11
09-52-1113
09-52-1119
09-52-3113
12
09-52-1123
09-52-1129
09-52-3123
13
09-52-1133
09-52-1139
09-52-3133
14
09-52-1143
09-52-1149
09-52-3143
15
09-52-1153
09-52-1159
09-52-3153


Similar Part No. - 09-62-6135

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-62-6135 MOLEX1-09-62-6135 Datasheet
136Kb / 6P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Top Entry, Nylon Connector, 5.0關m (200關") Tin (Sn), 13 Circuits
09-62-6135 MOLEX1-09-62-6135 Datasheet
137Kb / 6P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Top Entry, Nylon Connector, 5.0關m (200關") Tin (Sn), 2 Circuits
More results

Similar Description - 09-62-6135

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026112113 MOLEX3-0026112113 Datasheet
255Kb / 4P
   3.96mm (.156") Pitch KK PC Board Connector, Top Entry, Nylon Connector
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
0038001425 MOLEX1-0038001425_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 5 Circuits
0038001429 MOLEX1-0038001429_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 9 Circuits
logo
Harwin Plc
M20-7850242 HARWIN-M20-7850242 Datasheet
62Kb / 1P
   2.54mm PITCH DIL PC TAIL DUAL ENTRY SOCKET ASSY
logo
Molex Electronics Ltd.
0038001422 MOLEX1-0038001422_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 2 Circuits
0038001424 MOLEX1-0038001424_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 4 Circuits
0038001430 MOLEX1-0038001430_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 10 Circuits
0038001433 MOLEX1-0038001433_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 13 Circuits
0038001434 MOLEX1-0038001434_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 14 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com