Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A101T1DZQ0Q Datasheet(PDF) 11 Page - Tyco Electronics

Part # A101T1DZQ0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A101T1DZQ0Q Datasheet(HTML) 11 Page - Tyco Electronics

Back Button A101T1DZQ0Q Datasheet HTML 5Page - Tyco Electronics A101T1DZQ0Q Datasheet HTML 6Page - Tyco Electronics A101T1DZQ0Q Datasheet HTML 7Page - Tyco Electronics A101T1DZQ0Q Datasheet HTML 8Page - Tyco Electronics A101T1DZQ0Q Datasheet HTML 9Page - Tyco Electronics A101T1DZQ0Q Datasheet HTML 10Page - Tyco Electronics A101T1DZQ0Q Datasheet HTML 11Page - Tyco Electronics A101T1DZQ0Q Datasheet HTML 12Page - Tyco Electronics A101T1DZQ0Q Datasheet HTML 13Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
C32
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Gemini Series
Toggle Switches, A Series, Right Angle, Short Bat Actuators
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
SPDT
DPDT
SPDT
DPDT
Tyco
Alcoswitch
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
Electronics
Silver Contacts
Gold Contacts
1-1437554-6
A101MD9AQ
1-1437554-4 A101MD9AB
SPDT
1
On None On
6-1437554-1
A103MD9AQ
5-1437554-9 A103MD9AB
SPDT
5
On Off On
A108MD9AQ
1-1437555-2 A108MD9AB
SPDT
1
On None (On)
Tyco
Alcoswitch
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
Electronics
Silver Contacts
Gold Contacts
1-1437554-9
A101MD9AV2Q 1-1437554-7 A101MD9AV2B SPDT
1
On None On
A103MD9AV2Q 6-1437554-2 A103MD9AV2B SPDT
5
On Off On
A108MD9AV2Q
SPDT
1
On None (On)
Tyco
Alcoswitch
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
Electronics
Silver Contacts
Gold Contacts
3-1437555-0
A201MD9AV2Q 2-1437555-9 A201MD9AV2B DPDT
2
On None On
A203MD9AV2Q
A203MD9AV2B DPDT
6
On Off On
A208MD9AV2Q
A208MD9AV2B DPDT
2
On None (On)
Tyco
Alcoswitch
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
Electronics
Silver Contacts
Gold Contacts
2-1437555-8
A201MD9AQ
2-1437555-7 A201MD9AB
DPDT
2
On None On
5-1437555-4 A203MD9AB
DPDT
6
On Off On
A201MD9AQ
Horizontal Actuation
A101MD9AQ
Horizontal Actuation
A101MD9AV2Q
Vertical Actuation
A201MD9AV2AQ
Vertical Actuation
.500
(12.7)
.200
(5.08)
.185
(4.70)
Typ.
.073
(1.85) Dia.
32 1
.205
(5.21)
.048
(1.22)
.200
(5.08)
.270
(6.86)
.280
(7.11)
.500
(12.70)
.050
(1.27)
.185
(4.70)
Typ.
.030
(0.76)
.500
(12.70)
.270
(6.86)
.125
(3.18)
Keyway
.453
(11.53)
.200
(5.08)
.500
(12.70)
Epoxy Seal
.270
(6.86)
.280
(7.11)
.500
(12.70)
.150
(3.81)
.050
(1.27)
Typ.
.040
(1.02)
.185
(4.70)
Typ.
.030
(0.76)
.205
(5.21)
.500
(12.7)
.200
(5.08)
.185
(4.70)
Typ.
.073
(1.85)
Dia.
.150
(3.81)
65
4
32
1
.048
(1.22)
Keyway
3
.500
(12.7)
.200
(5.08)
.073
(1.85)
Dia.
TYP.
2
1
.150
(3.81)
.040
(1.02)
.287
(7.30)
.050
(1.26)
.150
(3.81)
.200
(5.08)
.500
(12.7)
.910
(23.0) Ref.
.270
(6.86)
.252
(6.40)
Dia.
.106
(2.70)
Dia.
25˚
.016
(0.40)
.031
(0.81)
Typ.
Epoxy Seal
.125
(3.18)
.048
(1.22)
Typ.
.496
(12.6)
.126
(3.20)
Keyway
3
.500
(12.7)
.200
(5.08)
.073
(1.85)
Dia.
2
1
.150
(3.81)
.453
(11.50)
.287
(7.30)
.050
(1.26)
.150
(3.81)
.200
(5.08)
.500
(12.7)
.910
(23.0) Ref.
.270
(6.86)
.252
(6.40)
Dia.
.106
(2.70)
Dia.
25˚
.016
(0.40)
.031
(0.81)
Typ.
Epoxy Seal
.125
(3.18)
.048
(1.22)
Typ.
.040
(1.02)
.500
(12.70)
.190
(4.83)
6
5
4
.190
(4.80)
Keyway
* Refer to Pages C22-C26 for
Additional Options *


Similar Part No. - A101T1DZQ0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A101 MACOM-A101 Datasheet
89Kb / 1P
   5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER
A101 MACOM-A101 Datasheet
408Kb / 2P
   Cascadable Amplifier 5 to 100 MHz
logo
M/A-COM Technology Solu...
A101 MA-COM-A101 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 100 MHz
A101-SMA101 MA-COM-A101-SMA101 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Actel Corporation
A1010 ACTEL-A1010 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A101T1DZQ0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com