Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC760LC4B Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC760LC4B
Description  WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC760LC4B Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC760LC4B Datasheet HTML 6Page - Hittite Microwave Corporation HMC760LC4B Datasheet HTML 7Page - Hittite Microwave Corporation HMC760LC4B Datasheet HTML 8Page - Hittite Microwave Corporation HMC760LC4B Datasheet HTML 9Page - Hittite Microwave Corporation HMC760LC4B Datasheet HTML 10Page - Hittite Microwave Corporation HMC760LC4B Datasheet HTML 11Page - Hittite Microwave Corporation HMC760LC4B Datasheet HTML 12Page - Hittite Microwave Corporation HMC760LC4B Datasheet HTML 13Page - Hittite Microwave Corporation HMC760LC4B Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
HMC760LC4B
v00.0312
WIDEBAND 4 GS/S TRACK-AND-HOLD AMPLIFIER
DC - 5 GHz
Absolute Maximum Ratings
VcctH, VccoF, VcccLK
2.1 Vdc
VccoB
3 Vdc
Vee, VeecLK
-5.25 Vdc
cLKP, cLKN Input Power
+10 dBm
INP, INN Input Power
+10 dBm
Junction temperature
125 °c
continuous Pdiss (t= 85 °c)
2 W
thermal resistance
(junction to package bottom)
20 °c/W
Storage temperature
-65 to +150 °c
operating temperature
-40 to +85 °c
eSd Sensitivity (HBM)
class 1B
eLectroStAtIc SeNSItIVe deVIce
oBSerVe HANdLING PrecAutIoNS
sampling frequency (through the sampling process) to produce a 1st order beat product at 30 MHz. Likewise, the 2nd
and 3rd harmonics of the input signal (generated via distortion in the t/H) beat with the 4th and 6th harmonics of the
sampling frequency respectively to produce 2nd and 3rd order beat products at 60 MHz and 90 MHz. In this manner,
the t/H nonlinearity in the vicinity of 1 GHz can be measured even though the 995 MHz fundamental and the 1.99 GHz
and 2.985 GHz nonlinear harmonics are well beyond the 256 MHz 4 dB bandwidth of the SINx/x response envelope.
the possible input frequency choices are overly limited when the low frequency beat-product technique is used at high
clock rates. A related high frequency beat-product measurement utilizing correction for the SINx/x envelope weighting
must be employed to measure linearity over a wide range of input frequencies. Hittite uses both low frequency and
high frequency beat product methods to measure linearity for a wide range of clock and signal frequencies. our high
frequency beat-product measurement avoids excessive envelope correction error by maintaining all beat products
within the 4 dB bandwidth of the SINx/x function, where the envelope response is well behaved and easily modeled.
Linearity Measurement (Continued)


Similar Part No. - HMC760LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC764LP6CE HITTITE-HMC764LP6CE Datasheet
678Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
HMC764LP6CE HITTITE-HMC764LP6CE Datasheet
801Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
HMC764LP6CE HITTITE-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO, 7.3 - 8.2 GHz
logo
Analog Devices
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC764LP6CE HITTITE-HMC764LP6CE_10 Datasheet
801Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
More results

Similar Description - HMC760LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
   ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC1061LC5 HITTITE-HMC1061LC5 Datasheet
676Kb / 14P
   DC - 18 GHz, ULTRA-WIDEBAND, DUAL RANK 4 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
AD389 AD-AD389_15 Datasheet
3Mb / 6P
   HIGH RESOLUTION TRACK AND HOLD AMPLIFIER
AD389 AD-AD389 Datasheet
2Mb / 6P
   HIGH RESOLUTION TRACK-AND-HOLD AMPLIFIER
logo
Burr-Brown (TI)
SHC605 BURR-BROWN-SHC605 Datasheet
200Kb / 15P
   High-Speed Operational TRACK-AND-HOLD AMPLIFIER
logo
List of Unclassifed Man...
RTH010 ETC1-RTH010 Datasheet
712Kb / 11P
   9GHz Bandwidth 1GS/s Dual Track-and-Hold
MN374 ETC1-MN374 Datasheet
472Kb / 5P
   HIGH-SPEED HIGH-RESOLUTION TRACK-HOLD AMPLIFIER
logo
Analog Devices
AD9100 AD-AD9100 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com