Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5256B Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # ZMM5256B
Description  500mW Mini MELF Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

ZMM5256B Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  ZMM5256B Datasheet HTML 1Page - WILLAS ELECTRONIC CORP ZMM5256B Datasheet HTML 2Page - WILLAS ELECTRONIC CORP ZMM5256B Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Vz (V)
5
10
15
20
25
0
10
20
30
40
50
30
FIG. 1 POWER DERATING CURVE
50
0
100
200
300
400
500
100
150
200
250
AMBIENT TEMPERATURE, C
O
Fig.2 BREAKDOWN CHARACTERISTICS
Test Current
Iz=20mA
RATING AND CHARACTERISTIC CURVES
WILLAS
ZMM5221B thru ZMM5267B


Similar Part No. - ZMM5256B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5256B RECTRON-ZMM5256B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM5256B SY-ZMM5256B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5256B DIODES-ZMM5256B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5256B JGD-ZMM5256B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Shenzhen Ping Sheng Ele...
ZMM5256B PFS-ZMM5256B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5256B

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM52 JGD-ZMM52 Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
ZMM55C JGD-ZMM55C Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com